Electronic Components Datasheet Search
  English  ▼

X  

MPSA56 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPSA56
Description  EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA56 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPSA56 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1998. 1. 9
1/1
SEMICONDUCTOR
TECHNICAL DATA
MPSA56
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 2
AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
FEATURES
Complementary to MPSA06.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-80V, IE=0
-
-
-100
nA
Emitter Cut-off Current
ICEO
VCE=-60V, IB=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-80
-
-
V
DC Current Gain
hFE(1)
VCE=-1V, IC=-10mA
100
-
-
hFE(2)
VCE=-1V, IC=-100mA
100
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-0.25
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-100mA
-
-
-1.2
V
Transition Frequency
fT
VCE=-1V, IE=0, IC=-100mA
50
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Emitter Current
IE
500
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 150


Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA56 ONSEMI-MPSA56 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
NXP Semiconductors
MPSA56 PHILIPS-MPSA56 Datasheet
41Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Zetex Semiconductors
MPSA56 ZETEX-MPSA56 Datasheet
25Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Rohm
MPSA56 ROHM-MPSA56 Datasheet
64Kb / 2P
PNP General Purpose Transistor
More results

Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1612 NEC-2SA1612 Datasheet
192Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
2SB1475 NEC-2SB1475 Datasheet
261Kb / 4P
PNP SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
KEC(Korea Electronics)
KTA1704 KEC-KTA1704 Datasheet
298Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY POWER,HIGH FREQUENCY POWER)
KTB1772 KEC-KTB1772 Datasheet
69Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
KTC2803 KEC-KTC2803 Datasheet
237Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY HIGH FREQUENCY POWER AMPLIFIER)
MMBTA55 KEC-MMBTA55 Datasheet
114Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
MMBTA56 KEC-MMBTA56 Datasheet
110Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
logo
NEC
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
CSA950 CDIL-CSA950 Datasheet
303Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com