Electronic Components Datasheet Search
  English  ▼

X  

PD17012 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD17012
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD17012 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD17012_15 Datasheet HTML 17Page - Renesas Technology Corp PD17012_15 Datasheet HTML 18Page - Renesas Technology Corp PD17012_15 Datasheet HTML 19Page - Renesas Technology Corp PD17012_15 Datasheet HTML 20Page - Renesas Technology Corp PD17012_15 Datasheet HTML 21Page - Renesas Technology Corp PD17012_15 Datasheet HTML 22Page - Renesas Technology Corp PD17012_15 Datasheet HTML 23Page - Renesas Technology Corp PD17012_15 Datasheet HTML 24Page - Renesas Technology Corp PD17012_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 320 page
background image
µPD17012, 17P012
19
Data Sheet U10101EJ4V0DS
Pin No.
Symbol
Function
Output Format
After Power-on
64-Pin
80-Pin
Reset
16
18
P0B3/FCG1
Port 0B. External gate counter input and BEEP output
CMOS
Input
17
19
P0B2/FCG0
pins.
push-pull
18
20
P0B1/BEEP1
• P0B3 to P0B0
19
21
P0B0/BEEP0
• 4-bit I/O port
• Input/output can be specified in 1-bit units.
• FCG1, FCG0
• External gate counter inputs
• BEEP1, BEEP0
• BEEP outputs
20
22
P1C3
4-bit output port (port 1C)
CMOS
Low-level output
21
24
P1C2
push-pull
22
25
P1C1
23
26
P1C0
24
27
XOUT
Pins for connecting crystal resonator for system clock
CMOS push-pull
−
25
28
XIN
oscillation.
−
26
30, 69
GND
Ground pins. These pins must be connected to the
−−
58
31, 71
same potential.
27
33
P0C3
Port 0C. D/A converter output pins.
N-ch
Low-level output
28
34
P0C2
• P0C3 to P0C0
open-drain
29
35
P0C1/PWM1
• 4-bit output port
(+12 V withstand
30
37
P0C0/PWM0
• PWM1, PWM0
voltage)
• D/A converter outputs
31
38
P1D3
4-bit I/O port (port 1D). Input/output can be specified
CMOS
Input
32
39
P1D2
in 4-bit units.
push-pull
33
40
P1D1
34
41
P1D0
35
42
COM2
These pins output the common signals of the LCD
CMOS
Low-level output
36
44
COM1
controller/driver.
ternary output
37
45
COM0
38
46
LCD19/P2H0
Port 2H, 2G, 2F, and 2E. LCD controller/driver
CMOS
Low-level output
39
47
LCD18/P2G0
segment signal output pins.
push-pull
40
48
LCD17/P2F0
• P2H0, P2G0, P2F0, P2E0
41
49
LCD16/P2E0
• 1-bit output ports
• LCD19 to LCD16
• LCD controller/driver segment signal outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com