Electronic Components Datasheet Search
  English  ▼

X  

LT1317 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1317
Description  Micropower, 600kHz PWM DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1317 Datasheet(HTML) 1 Page - Linear Technology

  LT1317 Datasheet HTML 1Page - Linear Technology LT1317 Datasheet HTML 2Page - Linear Technology LT1317 Datasheet HTML 3Page - Linear Technology LT1317 Datasheet HTML 4Page - Linear Technology LT1317 Datasheet HTML 5Page - Linear Technology LT1317 Datasheet HTML 6Page - Linear Technology LT1317 Datasheet HTML 7Page - Linear Technology LT1317 Datasheet HTML 8Page - Linear Technology LT1317 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1317/LT1317B
Micropower, 600kHz PWM
DC/DC Converters
DESCRIPTION
FEATURES
The LT
®1317/LT1317B are micropower, fixed frequency
step-up DC/DC converters that operate over a wide input
voltage range of 1.5V to 12V. The LT1317 features auto-
matic shifting to power saving Burst Mode
TM operation at
light loads. High efficiency is maintained over a broad
300
µA to 200mA load range. Peak switch current during
Burst Mode operation is kept below 250mA for most
operating conditions which results in low output ripple
voltage, even at high input voltages. The LT1317B does
not shift into Burst Mode operation at light loads, eliminat-
ing low frequency output ripple at the expense of light load
efficiency.
The LT1317/LT1317B contain an internal low-battery de-
tector with a 200mV reference that stays alive when the
device goes into shutdown.
No-load quiescent current of the LT1317 is 100
µA and
shuts down to 30
µA. The internal NPN power switch
handles a 500mA current with a voltage drop of just
300mV.
The LT1317/LT1317B are available in MS8 and SO-8
packages.
s
100
µA Quiescent Current
s
Operates with VIN as Low as 1.5V
s
600kHz Fixed Frequency Operation
s
Starts into Full Load
s
Low-Battery Detector Active in Shutdown
s
Automatic Burst Mode Operation at
Light Load (LT1317)
s
Continuous Switching at Light Loads (LT1317B)
s
Low VCESAT Switch: 300mV at 500mA
s
Pin for Pin Compatible with the LT1307/LT1307B
s
Cellular Telephones
s
Cordless Telephones
s
Pagers
s
GPS Receivers
s
Battery Backup
s
Portable Electronic Equipment
s
Glucose Meters
s
Diagnostic Medical Instrumentation
APPLICATIONS
Burst Mode is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
Figure 1. 2-Cell to 3.3V Boost Converter
VIN
SW
FB
LT1317
L1
10
µH
D1
LBO
LBI
SHDN
SHUTDOWN
RC
33k
R2*
604k
1%
3.3V
200mA
R1
1M
1%
CC
3.3nF
1317 F01
C1
47
µF
C2
47
µF
2
CELLS
D1: MBR0520
L1: SUMIDA CD43-100
* FOR 5V OUTPUT, R2 = 332k, 1%
VC
GND
+
+
2-Cell to 3.3V Converter Efficiency
LOAD CURRENT (mA)
50
60
70
80
90
0.3
10
100
1000
1317 TA01
40
1
3VIN
1.65VIN
2.2VIN


Similar Part No. - LT1317

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317 Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
LT1317B LINER-LT1317B Datasheet
447Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
LT1317B LINER-LT1317B Datasheet
408Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
More results

Similar Description - LT1317

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
Micropower, 600kHz PWM DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
Single Cell Micropower 600kHz PWM DC/DC Converters
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
MICROPOWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com