Electronic Components Datasheet Search
  English  ▼

X  

PD77210 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD77210
Description  16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD77210 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD77210_15 Datasheet HTML 17Page - Renesas Technology Corp PD77210_15 Datasheet HTML 18Page - Renesas Technology Corp PD77210_15 Datasheet HTML 19Page - Renesas Technology Corp PD77210_15 Datasheet HTML 20Page - Renesas Technology Corp PD77210_15 Datasheet HTML 21Page - Renesas Technology Corp PD77210_15 Datasheet HTML 22Page - Renesas Technology Corp PD77210_15 Datasheet HTML 23Page - Renesas Technology Corp PD77210_15 Datasheet HTML 24Page - Renesas Technology Corp PD77210_15 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Data Sheet U15203EJ3V0DS
19
µµµµPD77210, 77213
•••• I/O port
Pin No.
Pin Name
144-pin LQFP
161-pin FBGA
I/O
Function
Alternate
Pin
P0
28
C5
I/O
INT00
P1
29
D6
I/O
INT10
P2
30
A4
I/O
INT20
P3
31
B5
I/O
INT30
P4
32
C4
I/O
INT01
P5
33
A3
I/O
INT11
P6
34
B4
I/O
INT21
P7
35
B3
I/O
INT31
P8
39
C2
I/O
INT02/HD8
P9
40
C3
I/O
INT12/HD9
P10
41
D1
I/O
INT22/HD10
P11
42
D2
I/O
INT32/HD11
P12
43
D3
I/O
INT03/HD12
P13
44
E3
I/O
INT13/HD13
P14
45
E1
I/O
INT23/HD14
P15
46
E2
I/O
General-purpose I/O port
INT33/HD15
•••• Debugging interface
Pin No.
Pin Name
144-pin LQFP
161-pin FBGA
I/O
Function
Alternate
Pin
TDO
141
C12
Output
(3S)
−
TICE
142
D12
Output
−
TCK
2
B12
Input
−
TDI
3
C11
Input
−
TMS
4
D11
Input
−
TRST
5
A12
Input
For debugging
This interface pins are used when a debugger is
used.
−
Remark Those pins marked “3S” in the above table enter the high-impedance state while the debugging interface
is not being accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com