Electronic Components Datasheet Search
  English  ▼

X  

MPSA94 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MPSA94
Description  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA94 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MPSA94 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA94 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 5. 28
2/2
MPSA94
Revision No : 1
h
- I
FE
C
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
1k
100
-100
-300
-1k
300
10
3
1
V
=-10V
CE
-100
30
-0.3
COLLECTOR BASE VOLTAGE V
(V)
10
3
1
-0.1
-10
-1
-3
CB
-30
1k
300
100
C
- V
ob
CB
f=1MHz
COLLECTOR CURRENT I
(mA)
-0.03
-0.01
-1
-3
-10
-3
-1
-0.1
-0.3
I =10I
-300
-30
-10
-100
C
V
- I C
-1k
C
CE(sat)
B
30
I =10I
COLLECTOR CURRENT I
(mA)
-300
-10
-0.01
-0.03
-1
-3
-0.1
-0.3
-1
-10
-3
-30
C
-100
V
- I
CE(sat)
C
C
-1k
B
I =0
E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com