Electronic Components Datasheet Search
  English  ▼

X  

PD161602AB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PD161602AB
Description  360/396-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161602AB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PD161602AB Datasheet HTML 10Page - Renesas Technology Corp PD161602AB Datasheet HTML 11Page - Renesas Technology Corp PD161602AB Datasheet HTML 12Page - Renesas Technology Corp PD161602AB Datasheet HTML 13Page - Renesas Technology Corp PD161602AB Datasheet HTML 14Page - Renesas Technology Corp PD161602AB Datasheet HTML 15Page - Renesas Technology Corp PD161602AB Datasheet HTML 16Page - Renesas Technology Corp PD161602AB Datasheet HTML 17Page - Renesas Technology Corp PD161602AB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Data Sheet S15381EJ1V0DS
12
µµµµPD161602A/B
4.3 CLK Signal Input
Input at least 4 clocks of the CLK signal after the rising of the STB signal.
STB
CLK
STH
Internal latch
signal1
Internal latch
signal2
Internal latch
signal3
/1
2
3
4
5
6
1
2
3
4
7
8
Note
Invalid D0 to D3 D4 to D6 D7 to D9 D10 to D12
D13 to D15
D16 to D18
D19 to D21
Note
Note
Note Internal latch signal : It is the signal that do latch the display data put in data register in output latch circuit.
5. MODE EXPLANATION
Normal Mode/ 8-clor Display Mode
CM
POL
Data
Driver Output Status
Driver Output (in normally white)
MSB = H
White level display
H
MSB = L
Black level display
MSB = H
White level display
H
L
MSB = L
8-color mode
Black level display
All bit = H
White level display
H
All bit = L
Black level display
All bit = H
White level display
L
L
All bit = L
260,000-color mode
Black level display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com