Electronic Components Datasheet Search
  English  ▼

X  

LT1358 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1358
Description  Dual and Quad 25MHz, 600V/s Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 1 Page - Linear Technology

  LT1358 Datasheet HTML 1Page - Linear Technology LT1358 Datasheet HTML 2Page - Linear Technology LT1358 Datasheet HTML 3Page - Linear Technology LT1358 Datasheet HTML 4Page - Linear Technology LT1358 Datasheet HTML 5Page - Linear Technology LT1358 Datasheet HTML 6Page - Linear Technology LT1358 Datasheet HTML 7Page - Linear Technology LT1358 Datasheet HTML 8Page - Linear Technology LT1358 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1358/LT1359
135859fb
■
Wideband Amplifiers
■ Buffers
■ Active Filters
■
Data Acquisition Systems
■ Photodiode Amplifiers
DAC I-to-V Converter
Dual and Quad
25MHz, 600V/
µs Op Amps
The LT1358/LT1359 are dual and quad low power high
speed operational amplifiers with outstanding AC and DC
performance. The amplifiers feature much lower supply
current and higher slew rate than devices with comparable
bandwidth. The circuit topology is a voltage feedback
amplifier with matched high impedance inputs and the
slewing performance of a current feedback amplifier. The
high slew rate and single stage design provide excellent
settling characteristics which make the circuit an ideal
choice for data acquisition systems. Each output drives a
500
Ω load to ±12.5V with ±15V supplies and a 150Ω load
to
±3V on ±5V supplies. The amplifiers are stable with any
capacitive load making them useful in buffer applications.
The LT1358/LT1359 are members of a family of fast, high
performance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
bipolar complementary processing. For a single amplifier
version of the LT1358/LT1359 see the LT1357 data sheet.
For higher bandwidth devices with higher supply currents
see the LT1360 through LT1365 data sheets. For lower
supply current amplifiers see the LT1354 and LT1355/
LT1356 data sheets. Singles, duals, and quads of each
amplifier are available.
AV = –1 Large-Signal Response
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
C-Load is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
135859 TA01
0.1
µF5k
6pF
VOUT
5k
565A-TYPE
DAC
INPUTS
12
–
+
1/2
LT1358
135859 TA02
VI
k
V
A
LSB
OS
OS
OUT
VOL
+
()+<
51
Ω
■ 25MHz Gain Bandwidth
■ 600V/
µs Slew Rate
■ 2.5mA Maximum Supply Current per Amplifier
■ Unity-Gain Stable
■ C-Load
TM Op Amp Drives All Capacitive Loads
■ 8nV/
√Hz Input Noise Voltage
■ 600
µV Maximum Input Offset Voltage
■ 500nA Maximum Input Bias Current
■ 120nA Maximum Input Offset Current
■ 20V/mV Minimum DC Gain, RL=1k
■ 115ns Settling Time to 0.1%, 10V Step
■ 220ns Settling Time to 0.01%, 10V Step
■
±12.5V Minimum Output Swing into 500Ω
■
±3V Minimum Output Swing into 150Ω
■ Specified at
±2.5V, ±5V, and ±15V
■ LT1358 is Available in 8-Pin PDIP and SO Packages
■ LT1359 is Available in 14-Pin PDIP, 14-Pin and
16-Pin SO Packages


Similar Part No. - LT1358

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
Dual and Quad 25MHz, 600V/us Op Amps
logo
Linear Integrated Syste...
LT1358 LINEAR-LT1358 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1358 LINER-LT1358 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1358 LINER-LT1358 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1358 LINER-LT1358 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1358

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
Dual and Quad 25MHz, 600V/us Op Amps
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1357 LINER-LT1357_15 Datasheet
261Kb / 12P
25MHz, 600V/s Op Amp
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1209 LINER-LT1209_15 Datasheet
276Kb / 12P
Dual and Quad 45MHz, 400V/s Op Amps
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
Dual and Quad 50MHz, 800V/s Op Amps
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
LT1365 LINER-LT1365_15 Datasheet
229Kb / 12P
Dual and Quad 70MHz, 1000V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1359 LINER-LT1359_15 Datasheet
483Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com