Electronic Components Datasheet Search
  English  ▼

X  

LT1398 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1398
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1398 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1398 Datasheet HTML 7Page - Linear Technology LT1398 Datasheet HTML 8Page - Linear Technology LT1398 Datasheet HTML 9Page - Linear Technology LT1398 Datasheet HTML 10Page - Linear Technology LT1398 Datasheet HTML 11Page - Linear Technology LT1398 Datasheet HTML 12Page - Linear Technology LT1398 Datasheet HTML 13Page - Linear Technology LT1398 Datasheet HTML 14Page - Linear Technology LT1398 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1398/LT1399/LT1399HV
sn13989 13989fas
S
APPLICATI
I FOR ATIO
The enable/disable times are very fast when driven from
standard 5V CMOS logic. Each amplifier enables in about
30ns (50% point to 50% point) while operating on
±5V
supplies (Figure 2). Likewise, the disable time is approxi-
mately 40ns (50% point to 50% point) (Figure 3).
Differential Input Signal Swing
To avoid any breakdown condition on the input transis-
tors, the differential input swing must be limited to
±5V. In
normal operation, the differential voltage between the
input pins is small, so the
±5V limit is not an issue. In the
disabled mode however, the differential swing can be the
same as the input swing, and there is a risk of device
breakdown if input voltage range has not been properly
considered.
3-Input Video MUX Cable Driver
The application on the first page of this data sheet shows
a low cost, 3-input video MUX cable driver. The scope
photo below (Figure 4) displays the cable output of a
30MHz square wave driving 150
Ω. In this circuit the
active amplifier is loaded by the sum of RF and RG of each
disabled amplifier. Resistor values have been chosen to
keep the total back termination at 75
Ω while maintaining
a gain of 1 at the 75
Ω load. The switching time between
any two channels is approximately 32ns when both
enable pins are driven.
When building the board, care was taken to minimize
trace lengths at the inverting input. The ground plane was
also pulled away from RF and RG on both sides of the
board to minimize stray capacitance.
Figure 5. 3-Input Video MUX Switching Response (AV = 2)
VS = ±5V
20ns/DIV
VINA = VINB = 2VP-P
at 3.58MHz
1398/99 F05
EN A
EN B
OUTPUT
Using the LT1399 to Drive LCD Displays
Driving the current crop of XGA and UXGA LCD displays
can be a difficult problem because they require drive
voltages of up to 12V, are usually a capacitive load of over
300pF, and require fast settling. The LT1399HV is par-
ticularly well suited for driving these LCD displays be-
cause it is capable of swinging more than
±6V on ±7.5V
supplies, and it can drive large capacitive loads with a
small series resistor at the output, minimizing settling
time. As seen in Figures 6 and 7, at a gain of +3 with a
16.9
Ω output series resistor and a 330pF load, the
LT1399HV is capable of settling to 0.1% in 30ns for a 6V
step. Similarly, a 12V output step settles in 70ns.
Figure 6. LT1399/LT1399HV Large-Signal Pulse Response
VIN
VOUT
VS = ±5V
20ns/DIV
RF = 324Ω
RG = 162Ω
RS = 16.9Ω
CL = 330pF
1398/99 AI06
Figure 4. Square Wave Response
OUTPUT
200mV/DIV
5ns/DIV
1398/99 F04
RL = 150Ω
RF = RG = 324Ω
f = 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com