Electronic Components Datasheet Search
  English  ▼

X  

LT1399 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1399
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1399 Datasheet HTML 8Page - Linear Technology LT1399 Datasheet HTML 9Page - Linear Technology LT1399 Datasheet HTML 10Page - Linear Technology LT1399 Datasheet HTML 11Page - Linear Technology LT1399 Datasheet HTML 12Page - Linear Technology LT1399 Datasheet HTML 13Page - Linear Technology LT1399 Datasheet HTML 14Page - Linear Technology LT1399 Datasheet HTML 15Page - Linear Technology LT1399 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1398/LT1399/LT1399HV
sn13989 13989fas
S
APPLICATI
I FOR ATIO
Buffered RGB to Color-Difference Matrix
Two LT1398s can be used to create buffered color-
difference signals from RGB inputs (Figure 8). In this
application, the R input arrives via 75
Ω coax. It is routed
to the noninverting input of LT1398 amplifier A1 and to
a 1082
Ω resistor R8. There is also an 80.6Ω termination
A2
1/2 LT1398
B1
1/2 LT1398
–
+
A1
1/2 LT1398
R7
324
Ω
R6
162
Ω
R5
324
Ω
R10
2940
Ω
R9
549
Ω
R11
80.6
Ω
R
G
B
R12
86.6
Ω
R13
76.8
Ω
ALL RESISTORS 1%
VS = ±5V
R8
1082
Ω
75
Ω
SOURCES
R1
324
Ω
R2
324
Ω
R4
324
Ω
R3
324
Ω
B-Y
Y
R-Y
1398/99 F08
B2
1/2 LT1398
resistor R11, which yields a 75
Ω input impedance at the
R input when considered in parallel with R8. R8 connects
to the inverting input of a second LT1398 amplifier (A2),
which also sums the weighted G and B inputs to create a
–0.5 • Y output. LT1398 amplifier B1 then takes the
–0.5 • Y output and amplifies it by a gain of –2, resulting
in the Y output. Amplifier A1 is configured in a noninvert-
ing gain of 2 with the bottom of the gain resistor R2 tied
to the Y output. The output of amplifier A1 thus results in
the color-difference output R-Y.
The B input is similar to the R input. It arrives via 75
Ω
coax, and is routed to the noninverting input of LT1398
amplifier B2, and to a 2940
Ω resistor R10. There is also
a 76.8
Ω termination resistor R13, which yields a 75Ω
input impedance when considered in parallel with R10.
R10 also connects to the inverting input of amplifier A2,
adding the B contribution to the Y signal as discussed
above. Amplifier B2 is configured in a noninverting gain
of 2 configuration with the bottom of the gain resistor R4
tied to the Y output. The output of amplifier B2 thus
results in the color-difference output B-Y.
Figure 7. LT1399HV Output Voltage Swing
VIN
VOUT
VS = ±7.5V
50ns/DIV
RF = 324Ω
RG = 162Ω
RS = 16.9Ω
CL = 330pF
1398/99 F07
Figure 8. Buffered RGB to Color-Difference Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com