Electronic Components Datasheet Search
  English  ▼

X  

LT1492 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1492
Description  5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1492 Datasheet(HTML) 1 Page - Linear Technology

  LT1492 Datasheet HTML 1Page - Linear Technology LT1492 Datasheet HTML 2Page - Linear Technology LT1492 Datasheet HTML 3Page - Linear Technology LT1492 Datasheet HTML 4Page - Linear Technology LT1492 Datasheet HTML 5Page - Linear Technology LT1492 Datasheet HTML 6Page - Linear Technology LT1492 Datasheet HTML 7Page - Linear Technology LT1492 Datasheet HTML 8Page - Linear Technology LT1492 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1492/LT1493
5MHz, 3V/
µs, Low Power
Single Supply, Dual and Quad
Precision Op Amps
DESCRIPTION
The LT
®1492/LT1493 are dual/quad, low power, single sup-
ply precision op amps with 5MHz gain-bandwidth product,
3V/
µs slew rate and only 450µA of quiescent supply current
per amplifier.
With a maximum input offset voltage of only 180
µV, the
LT1492/LT1493 eliminate trims in most systems while pro-
viding high frequency performance not usually found in low
power single supply amplifiers.
The LT1492/LT1493 will operate on any supply greater than
2.5V and less than 36V total, and are specified on single 3.3V,
single 5V and
±15V supplies. Even with their low quiescent
supply current the minimum output drive is 20mA, ideal for
driving low impedance loads.
The inputs can be driven beyond the supplies without
damage or phase reversal of the output. The low operating
voltage and wide input and output range make the LT1492/
LT1493 amplifiers ideal for battery-powered applications.
For applications requiring faster precision single supply
amplifiers, see the 14MHz, 7V/
µs LT1211/LT1212, the
28MHz, 12V/
µs LT1213/LT1214 or the 23MHz, 50V/µs
LT1215/LT1216.
TYPICAL APPLICATION
FEATURES
s
Battery-Powered Systems
Portable Instrumentation
s
Active Filters
s
Photodiode Amplifiers
s
DAC Current to Voltage Amplifiers
APPLICATIONS
s
Gain-Bandwidth Product: 5MHz Typ
s
Slew Rate: 3V/
µs Typ
s
Low Supply Current per Amplifier: 0.55mA Max
s
Input Offset Voltage: 180
µV Max
s
Input Offset Voltage Drift: 3
µV/°C Max
s
Input Offset Current: 20nA Max
s
Input Bias Current: 100nA Max
s
Open-Loop Gain: 1500V/mV Min (VS = ±15V)
s
Low Input Noise Voltage: 16.5nV/
√Hz
s
Low Input Noise Current: 0.14pA/
√Hz
s
Large Output Drive Current: 20mA Min
s
Single Supply Operation
Input Voltage Range Includes Ground
Output Swings to Ground While Sinking Current
s
Wide Supply Voltage Range: 2.5V to 36V
s
Specified on 3.3V, 5V and
±15V
s
Dual in 8-Pin PDIP and SO Package
s
Quad in a Narrow 16-Pin SO Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Precision AC to DC Converter (Full Wave Rectifier and Filter)
–
+
+
VIN
VS = 5V, 0V
< 1% ERROR FROM 100mV TO 1V, f = 1kHz
10% ERROR AT 10mV, f = 1kHz
1% ERROR AT 5kHz, VIN = 100mVRMS
10% ERROR AT 30kHz, VIN = 100mVRMS
1/2 LT1492
–
+
1/2 LT1492
5V
10k
10k
10k
4.99k
15k
6.49k
10
µF
VOUT DC
1492/93 TA01
OFFSET VOLTAGE DRIFT WITH TEMPERATURE (
µV/°C)
– 2.5
30
40
50
1.5
1492/93 G02
20
10
0
–1.5
– 0.5
0.5
–2
2
–1
0
1
2.5
VS = 5V, 0V
LT1492 N8, S8 PACKAGES
LT1493 S16 PACKAGE
Distribution of Offset Voltage
Drift with Temperature


Similar Part No. - LT1492

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1492 LINER-LT1492 Datasheet
361Kb / 16P
5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
LT1492 LINER-LT1492 Datasheet
437Kb / 20P
Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
LT1492 LINER-LT1492 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LT1492CN8 LINER-LT1492CN8 Datasheet
361Kb / 16P
5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
LT1492CS8 LINER-LT1492CS8 Datasheet
361Kb / 16P
5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
More results

Similar Description - LT1492

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1492 LINER-LT1492 Datasheet
361Kb / 16P
5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1493 LINER-LT1493_15 Datasheet
320Kb / 16P
5MHz, 3V/s, Low Power Single Supply, Dual and Quad Precision Op Amps
LT1211 LINER-LT1211_15 Datasheet
390Kb / 20P
14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1212 LINER-LT1212_15 Datasheet
390Kb / 20P
14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1215 LINER-LT1215_15 Datasheet
344Kb / 20P
23MHz, 50V/s, Single Supply Dual and Quad Precision Op Amps
LT1216 LINER-LT1216_15 Datasheet
344Kb / 20P
23MHz, 50V/s, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
LT1214 LINER-LT1214_15 Datasheet
397Kb / 20P
28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com