Electronic Components Datasheet Search
  English  ▼

X  

SMAB16 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # SMAB16
Description  SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAB16 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  SMAB16 Datasheet HTML 1Page - KEC(Korea Electronics) SMAB16 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 3. 7
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMAB16
SCHOTTKY BARRIER TYPE DIODE
Revision No : 3
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
Low Profile Surface Mount Package.
Low Power Loss, High Efficiency.
For Use in Low Voltage, High Frequency inverters, Free
Wheeling, and Polarity Protection Applications.
APPLICATION
Switching Power Supply.
DC/DC Converter.
Home Appliances, Office Equipment.
Telecommunication.
MAXIMUM RATING (Ta=25 )
SMA
DIM MILLIMETERS
A
B
C
D
E
F
G
4.5 0.2
2.6 0.2
1.5 0.2
5.0 0.3
1.2 0.3
2.0 0.2
0 ~ 0.15
H
R 0.5
B
C
H
1
2
G
+_
+_
+_
+_
+_
+_
1. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
B 1 6
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=1.0A
-
-
0.58
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
1.0
mA
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
23
/W
Rth(j-a)
Junction to ambient
(on alumina substrate)
-
-
108
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Average Output Rectitifed Current
IO
1
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
30
A
Junction Temperature
Tj
-40 125
Storage Temperature Range
Tstg
-40 125


Similar Part No. - SMAB16

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMAB16 KEC-SMAB16_15 Datasheet
348Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - SMAB16

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B10A45VI KEC-B10A45VI Datasheet
293Kb / 3P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B5A100VI KEC-B5A100VI Datasheet
34Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B5A90VI KEC-B5A90VI Datasheet
72Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
SMAB110 KEC-SMAB110 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
SMAB13 KEC-SMAB13 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB14 KEC-SMAB14 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB210 KEC-SMAB210 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB33 KEC-SMAB33 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB34 KEC-SMAB34 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB36 KEC-SMAB36 Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com