Electronic Components Datasheet Search
  English  ▼

X  

PD16724 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD16724
Description  480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16724 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD16724_15 Datasheet HTML 9Page - Renesas Technology Corp PD16724_15 Datasheet HTML 10Page - Renesas Technology Corp PD16724_15 Datasheet HTML 11Page - Renesas Technology Corp PD16724_15 Datasheet HTML 12Page - Renesas Technology Corp PD16724_15 Datasheet HTML 13Page - Renesas Technology Corp PD16724_15 Datasheet HTML 14Page - Renesas Technology Corp PD16724_15 Datasheet HTML 15Page - Renesas Technology Corp PD16724_15 Datasheet HTML 16Page - Renesas Technology Corp PD16724_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet S16086EJ1V0DS
11
µµµµPD16724
Figure 4
−−−−3. Relationship between Input Data and Output Voltage (Negative side 1/2)
0.5 VDD2
−−−− 0.5 V ≥≥≥≥ V9 > V10 > V11 > V12 > V13 > V14 > V15 > V16 > V17 ≥≥≥≥ VSS2 + 0.2 V (POL21, POL22 = L)
Data
Data
00H
V0"
V9
40H
V64"
V12
01H
V1"
V10
41H
V65"
V13+(V12-V13) X
2610
/
2658
02H
V2"
V11+(V10-V11) X
3180
/
3309
42H
V66"
V13+(V12-V13) X
2562
/
2658
03H
V3"
V11+(V10-V11) X
3051
/
3309
43H
V67"
V13+(V12-V13) X
2514
/
2658
04H
V4"
V11+(V10-V11) X
2922
/
3309
44H
V68"
V13+(V12-V13) X
2466
/
2658
05H
V5"
V11+(V10-V11) X
2793
/
3309
45H
V69"
V13+(V12-V13) X
2418
/
2658
06H
V6"
V11+(V10-V11) X
2664
/
3309
46H
V70"
V13+(V12-V13) X
2370
/
2658
07H
V7"
V11+(V10-V11) X
2538
/
3309
47H
V71"
V13+(V12-V13) X
2322
/
2658
08H
V8"
V11+(V10-V11) X
2412
/
3309
48H
V72"
V13+(V12-V13) X
2277
/
2658
09H
V9"
V11+(V10-V11) X
2289
/
3309
49H
V73"
V13+(V12-V13) X
2232
/
2658
0AH
V10" V11+(V10-V11) X
2166
/
3309
4AH
V74"
V13+(V12-V13) X
2187
/
2658
0BH
V11" V11+(V10-V11) X
2046
/
3309
4BH
V75"
V13+(V12-V13) X
2142
/
2658
0CH
V12" V11+(V10-V11) X
1929
/
3309
4CH
V76"
V13+(V12-V13) X
2097
/
2658
0DH
V13" V11+(V10-V11) X
1812
/
3309
4DH
V77"
V13+(V12-V13) X
2052
/
2658
0EH
V14" V11+(V10-V11) X
1698
/
3309
4EH
V78"
V13+(V12-V13) X
2007
/
2658
0FH
V15" V11+(V10-V11) X
1587
/
3309
4FH
V79"
V13+(V12-V13) X
1962
/
2658
10H
V16" V11+(V10-V11) X
1476
/
3309
50H
V80"
V13+(V12-V13) X
1917
/
2658
11H
V17" V11+(V10-V11) X
1368
/
3309
51H
V81"
V13+(V12-V13) X
1872
/
2658
12H
V18" V11+(V10-V11) X
1263
/
3309
52H
V82"
V13+(V12-V13) X
1830
/
2658
13H
V19" V11+(V10-V11) X
1161
/
3309
53H
V83"
V13+(V12-V13) X
1788
/
2658
14H
V20" V11+(V10-V11) X
1059
/
3309
54H
V84"
V13+(V12-V13) X
1746
/
2658
15H
V21" V11+(V10-V11) X
960
/
3309
55H
V85"
V13+(V12-V13) X
1704
/
2658
16H
V22" V11+(V10-V11) X
864
/
3309
56H
V86"
V13+(V12-V13) X
1662
/
2658
17H
V23" V11+(V10-V11) X
768
/
3309
57H
V87"
V13+(V12-V13) X
1620
/
2658
18H
V24" V11+(V10-V11) X
675
/
3309
58H
V88"
V13+(V12-V13) X
1578
/
2658
19H
V25" V11+(V10-V11) X
585
/
3309
59H
V89"
V13+(V12-V13) X
1536
/
2658
1AH
V26" V11+(V10-V11) X
495
/
3309
5AH
V90"
V13+(V12-V13) X
1494
/
2658
1BH
V27" V11+(V10-V11) X
408
/
3309
5BH
V91"
V13+(V12-V13) X
1452
/
2658
1CH
V28" V11+(V10-V11) X
324
/
3309
5CH
V92"
V13+(V12-V13) X
1410
/
2658
1DH
V29" V11+(V10-V11) X
240
/
3309
5DH
V93"
V13+(V12-V13) X
1368
/
2658
1EH
V30" V11+(V10-V11) X
159
/
3309
5EH
V94"
V13+(V12-V13) X
1326
/
2658
1FH
V31" V11+(V10-V11) X
78
/
3309
5FH
V95"
V13+(V12-V13) X
1287
/
2658
20H
V32" V11
60H
V96"
V13+(V12-V13) X
1248
/
2658
21H
V33" V12+(V11-V12) X
1878
/
1956
61H
V97"
V13+(V12-V13) X
1209
/
2658
22H
V34" V12+(V11-V12) X
1803
/
1956
62H
V98"
V13+(V12-V13) X
1170
/
2658
23H
V35" V12+(V11-V12) X
1728
/
1956
63H
V99"
V13+(V12-V13) X
1131
/
2658
24H
V36" V12+(V11-V12) X
1656
/
1956
64H
V100" V13+(V12-V13) X
1092
/
2658
25H
V37" V12+(V11-V12) X
1584
/
1956
65H
V101" V13+(V12-V13) X
1053
/
2658
26H
V38" V12+(V11-V12) X
1515
/
1956
66H
V102" V13+(V12-V13) X
1014
/
2658
27H
V39" V12+(V11-V12) X
1446
/
1956
67H
V103" V13+(V12-V13) X
975
/
2658
28H
V40" V12+(V11-V12) X
1377
/
1956
68H
V104" V13+(V12-V13) X
936
/
2658
29H
V41" V12+(V11-V12) X
1311
/
1956
69H
V105" V13+(V12-V13) X
897
/
2658
2AH
V42" V12+(V11-V12) X
1245
/
1956
6AH
V106" V13+(V12-V13) X
858
/
2658
2BH
V43" V12+(V11-V12) X
1179
/
1956
6BH
V107" V13+(V12-V13) X
819
/
2658
2CH
V44" V12+(V11-V12) X
1116
/
1956
6CH
V108" V13+(V12-V13) X
780
/
2658
2DH
V45" V12+(V11-V12) X
1053
/
1956
6DH
V109" V13+(V12-V13) X
741
/
2658
2EH
V46" V12+(V11-V12) X
990
/
1956
6EH
V110" V13+(V12-V13) X
702
/
2658
2FH
V47" V12+(V11-V12) X
930
/
1956
6FH
V111" V13+(V12-V13) X
663
/
2658
30H
V48" V12+(V11-V12) X
870
/
1956
70H
V112" V13+(V12-V13) X
624
/
2658
31H
V49" V12+(V11-V12) X
810
/
1956
71H
V113" V13+(V12-V13) X
585
/
2658
32H
V50" V12+(V11-V12) X
750
/
1956
72H
V114" V13+(V12-V13) X
546
/
2658
33H
V51" V12+(V11-V12) X
693
/
1956
73H
V115" V13+(V12-V13) X
507
/
2658
34H
V52" V12+(V11-V12) X
636
/
1956
74H
V116" V13+(V12-V13) X
468
/
2658
35H
V53" V12+(V11-V12) X
579
/
1956
75H
V117" V13+(V12-V13) X
429
/
2658
36H
V54" V12+(V11-V12) X
522
/
1956
76H
V118" V13+(V12-V13) X
390
/
2658
37H
V55" V12+(V11-V12) X
468
/
1956
77H
V119" V13+(V12-V13) X
351
/
2658
38H
V56" V12+(V11-V12) X
414
/
1956
78H
V120" V13+(V12-V13) X
312
/
2658
39H
V57" V12+(V11-V12) X
360
/
1956
79H
V121" V13+(V12-V13) X
273
/
2658
3AH
V58" V12+(V11-V12) X
306
/
1956
7AH
V122" V13+(V12-V13) X
234
/
2658
3BH
V59" V12+(V11-V12) X
255
/
1956
7BH
V123" V13+(V12-V13) X
195
/
2658
3CH
V60" V12+(V11-V12) X
204
/
1956
7CH
V124" V13+(V12-V13) X
156
/
2658
3DH
V61" V12+(V11-V12) X
153
/
1956
7DH
V125" V13+(V12-V13) X
117
/
2658
3EH
V62" V12+(V11-V12) X
102
/
1956
7EH
V126" V13+(V12-V13) X
78
/
2658
3FH
V63" V12+(V11-V12) X
51
/
1956
7FH
V127" V13+(V12-V13) X
39
/
2658
Output Voltage
Output Voltage
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com