Electronic Components Datasheet Search
  English  ▼

X  

LT1584 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1584
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584 Datasheet(HTML) 3 Page - Linear Technology

  LT1584 Datasheet HTML 1Page - Linear Technology LT1584 Datasheet HTML 2Page - Linear Technology LT1584 Datasheet HTML 3Page - Linear Technology LT1584 Datasheet HTML 4Page - Linear Technology LT1584 Datasheet HTML 5Page - Linear Technology LT1584 Datasheet HTML 6Page - Linear Technology LT1584 Datasheet HTML 7Page - Linear Technology LT1584 Datasheet HTML 8Page - Linear Technology LT1584 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1584/LT1585/LT1587
158457a
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage LT1584
1.5V
≤ (VIN – VOUT) ≤ 3V, 10mA ≤ IOUT ≤ 7A
LT1585
1.5V
≤ (VIN – VOUT) ≤ 5.75V, 10mA ≤ IOUT ≤ 4.6A, TJ ≥ 25°C
1.5V
≤ (VIN – VOUT) ≤ 5.75V, 10mA ≤ IOUT ≤ 4A, TJ < 25°C
LT1587
1.5V
≤ (VIN – VOUT) ≤ 5.75V, 10mA ≤ IOUT ≤ 3A
q
1.225 (– 2%)
1.250
1.275 (+ 2%)
V
Output Voltage
LT1584-3.3
4.75V
≤ VIN ≤ 6.3V, 0mA ≤ IOUT ≤ 7A
LT1585-3.3
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 4.6A, TJ ≥ 25°C
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 4A, TJ < 25°C
LT1587-3.3
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 3A
q
3.235 (– 2%)
3.300
3.365 (+ 2%)
V
LT1584-3.38
4.75V
≤ VIN ≤ 6.38V, 0mA ≤ IOUT ≤ 7A
LT1585-3.38
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 4A
q
3.313 (– 2%)
3.380 3.465 (+ 2.5%)
V
LT1584-3.45
4.75V
≤ VIN ≤ 6.45V, 0mA ≤ IOUT ≤ 7A
LT1585-3.45
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 4A
LT1587-3.45
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 3A
q
3.381 (– 2%)
3.450
3.519 (+ 2%)
V
LT1584-3.6
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 6A
q
3.400 (– 5.5%)
3.600
3.672 (+ 2%)
V
LT1584-3.6
4.80V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 6A
q
3.450 (– 4%)
3.600
3.672 (+ 2%)
V
LT1584-3.6
4.80V
≤ VIN ≤ 6.6V, 0mA ≤ IOUT ≤ 7A
q
3.431 (– 4.7%)
3.600
3.672 (+ 2%)
V
LT1584-3.6
4.85V
≤ VIN ≤ 6.6V, 0mA ≤ IOUT ≤ 7A
q
3.481 (– 3.3%)
3.600
3.672 (+ 2%)
V
LT1585/7-3.6
4.75V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 3A
q
3.474 (– 3.5%)
3.600
3.672 (+ 2%)
V
LT1585/7-3.6
4.80V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 3A
q
3.528 (– 2%)
3.600
3.672 (+ 2%)
V
LT1585-3.6
4.80V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 4A
q
3.450 (– 4%)
3.600
3.672 (+ 2%)
V
LT1585-3.6
4.85V
≤ VIN ≤ 7V, 0mA ≤ IOUT ≤ 4A
q
3.492 (– 3%)
3.600
3.672 (+ 2%)
V
Line Regulation
LT1584/5/7
2.75V
≤ VIN ≤ 7V, IOUT = 10mA
(Notes 2, 3)
LT1584/5/7-3.3
4.75V
≤ VIN ≤ 7V, IOUT = 0mA
LT1584/5-3.38
4.75V
≤ VIN ≤ 7V, IOUT = 0mA
LT1584/5/7-3.45
4.75V
≤ VIN ≤ 7V, IOUT = 0mA
LT1584/5/7-3.6
4.75V
≤ VIN ≤ 7V, IOUT = 0mA
q
0.005
0.2
%
Load Regulation
LT1584/5/7
(VN – VOUT) = 3V, TJ = 25°C, 10mA ≤ IOUT ≤ IFULL LOAD
(Notes 2, 3, 4)
LT1584/5/7-3.3
VIN = 5V, TJ = 25°C, 0mA ≤ IOUT ≤ IFULL LOAD
LT1584/5-3.38
VIN = 5V, TJ = 25°C, 0mA ≤ IOUT ≤ IFULL LOAD
LT1584/5/7-3.45
VIN = 5V, TJ = 25°C, 0mA ≤ IOUT ≤ IFULL LOAD
LT1584/5/7-3.6
VIN = 5.25V, TJ = 25°C, 0mA ≤ IOUT ≤ IFULL LOAD
0.05
0.3
%
q
0.05
0.5
%
Dropout Voltage
LT1585/7
∆VREF = 1%, IOUT = 3A
LT1585/7-3.3
∆VOUT = 1%, IOUT = 3A
LT1585-3.38
∆VOUT = 1%, IOUT = 3A
LT1585/7-3.45
∆VOUT = 1%, IOUT = 3A
LT1585/7-3.6
∆VOUT = 1%, IOUT = 3A
q
1.150
1.300
V
LT1585
∆VREF = 1%, IOUT = 4.6A, TJ ≥ 25°C
∆VREF = 1%, IOUT = 4A, TJ < 25°C
LT1585-3.3
∆VOUT = 1%, IOUT = 4.6A, TJ ≥ 25°C
∆VOUT = 1%, IOUT = 4A, TJ < 25°C
LT1585-3.38
∆VOUT = 1%, IOUT = 4A
LT1585-3.45
∆VOUT = 1%, IOUT = 4A
LT1585-3.6
∆VOUT = 1%, IOUT = 4A
q
1.200
1.400
V
LT1584
∆VREF = 1%, IOUT = 6A
LT1584-3.3
∆VOUT = 1%, IOUT = 6A
LT1584-3.38
∆VOUT = 1%, IOUT = 6A
LT1584-3.45
∆VOUT = 1%, IOUT = 6A
LT1584-3.6
∆VOUT = 1%, IOUT = 6A
TJ ≥ 25°C
q
1.200
1.300
V
TJ < 25°C
q
1.200
1.350
V
LT1584IT-3.3
TJ < 25°C
q
1.200
1.450
V
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com