Electronic Components Datasheet Search
  English  ▼

X  

LT3467A Datasheet(PDF) 13 Page - Linear Technology

Part # LT3467A
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467A Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3467A Datasheet HTML 9Page - Linear Technology LT3467A Datasheet HTML 10Page - Linear Technology LT3467A Datasheet HTML 11Page - Linear Technology LT3467A Datasheet HTML 12Page - Linear Technology LT3467A Datasheet HTML 13Page - Linear Technology LT3467A Datasheet HTML 14Page - Linear Technology LT3467A Datasheet HTML 15Page - Linear Technology LT3467A Datasheet HTML 16Page - Linear Technology LT3467A Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT3467/LT3467A
13
3467afe
TYPICAL APPLICATIONS
9V, 18V, –9V Triple Output TFT-LCD Bias Supply with Soft-Start
GND
VIN
SW
FB
VIN
3.3V
D5
L1
4.7μH
R1
124k
LT3467
3467 TA06a
C5
10μF
C4
1μF
C1
2.2μF
C2
0.1μF
C6
1μF
R2
20k
9V
220mA
–9V
10mA
18V
10mA
C1: X5R OR X7R, 6.3V
C2,C3, C5, C6: X5R OR X7R, 10V
C4: X5R OR X7R, 25V
D1 TO D4: PHILIPS BAT54S OR EQUIVALENT
D5: PHILIPS PMEG 2005
L1: PANASONIC ELT5KT4R7M
SS
VSHDN
SHDN
3.3V
0V
C7
0.1μF
D1
D4
D3
D2
C3
0.1μF
IL1
0.5A/DIV
9V OUTPUT
5V/DIV
18V OUTPUT
10V/DIV
–9V OUTPUT
5V/DIV
2ms/DIV
3467 TA06b
Start-Up Waveforms
8V, 23V, –8V Triple Output TFT-LCD Bias Supply with Soft-Start
IL1
0.5A/DIV
8V OUTPUT
5V/DIV
23V OUTPUT
10V/DIV
–8V OUTPUT
5V/DIV
2ms/DIV
3467 TA07b
Start-Up Waveforms
GND
VIN
SW
SS
FB
VIN
3.3V
D7
L1
4.7μH
R1
113k
LT3467
3467 TA07a
C7
10μF
C6
1μF
C1
2.2μF
C2
0.1μF
C8
1μF
R2
21k
8V
270mA
–8V
10mA
23V
10mA
C1: X5R OR X7R, 6.3V
C2 TO C4, C7, C8: X5R OR X7R, 10V
C5: X5R OR X7R, 16V
C6: X5R OR X7R, 25V
D1 TO D6: PHILIPS BAT54S OR EQUIVALENT
D7: PHILIPS PMEG 2005
L1: PANASONIC ELT5KT4R7M
3.3V
0V
C9
0.1μF
D1
D5
D6
D2
C3
0.1μF
C4
0.1μF
C5
0.1μF
D3
D4
SHDN
VSHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com