Electronic Components Datasheet Search
  English  ▼

X  

TLS-CTR-RGB Datasheet(PDF) 1 Page - BetLux Electronics

Part # TLS-CTR-RGB
Description  105*65*25mm dimension
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

TLS-CTR-RGB Datasheet(HTML) 1 Page - BetLux Electronics

  TLS-CTR-RGB Datasheet HTML 1Page - BetLux Electronics TLS-CTR-RGB Datasheet HTML 2Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
  
RGB LED strip control unit
TLS-CTR-RGB
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 1 of 2
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , SALES@BETLUX.COM
■  Features:
Ø
105*65*25mm dimension
Ø
12VDC input
Ø
output with 4 connect, +12V/R/G/B, Power: 120W
Ø
With remote control
Ø
12kinds color variation. R/G/B/V/GB/Y/W/RGB blinking/ 7 color blinking/ RGB slow blinking/ 7 color
slow blinking / 7 color fast + slow blinking
Ø
Light, small dimension, easy to use.
Ø
With remote control
Ø
Application for: LED module, LED flexible strip
n
Full set of LED strip picture
 
n
Adjustable Light Controller Manual
I、main technical indicators
Operating temperature:-20-60℃
Supply voltage: DC12V
Output: tri CMOS open-drain output
Connection: Anode sharing
Rated load current: 4A every way
Maximum load current: 6A every way


Similar Part No. - TLS-CTR-RGB

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
TLS-CTR-RGB-A BETLUX-TLS-CTR-RGB-A Datasheet
131Kb / 2P
105*65*25mm dimension
REV NO: V.2
More results

Similar Description - TLS-CTR-RGB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
10-Bit, 65/80/105 MSPS, 3V A/D Converter
5/03-Revision 0
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
14-Bit, 65/80/95/105 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D065 NXP-ADC1213D065 Datasheet
214Kb / 38P
Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Rev. 02-17 June 2009
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
logo
BetLux Electronics
TLS-CTR-RGB-A BETLUX-TLS-CTR-RGB-A Datasheet
131Kb / 2P
105*65*25mm dimension
REV NO: V.2
logo
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
DIP(25mm*25mm)
Mar.27, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com