Electronic Components Datasheet Search
  English  ▼

X  

LT3571 Datasheet(PDF) 12 Page - Linear Technology

Part # LT3571
Description  75V DC/DC Converter for APD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3571 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3571 Datasheet HTML 8Page - Linear Technology LT3571 Datasheet HTML 9Page - Linear Technology LT3571 Datasheet HTML 10Page - Linear Technology LT3571 Datasheet HTML 11Page - Linear Technology LT3571 Datasheet HTML 12Page - Linear Technology LT3571 Datasheet HTML 13Page - Linear Technology LT3571 Datasheet HTML 14Page - Linear Technology LT3571 Datasheet HTML 15Page - Linear Technology LT3571 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT3571
12
3571fa
TYPICAL APPLICATIONS
C1
1μF
MONIN
VREF
RT
SHDN
CTRL
GND
SYNC
VOUT
FB
VIN
SW
LT3571
MON
APD
OFF ON
VIN
5V
R2
20.5k
R4
49.9Ω
45V
RT
12.1k
1MHz
RSENSE
20Ω
3571 TA02a
C4
0.1μF
C3
10nF
R3
10k
C5
10nF
L: TDK VLF3010AT – 100MR49
C1: TDK X7R C1608X7R1C105KT
C2, C4: MURATA X7R GRM188R72A104KA35
C3: AVX X7R 06031C103K
C5: MURATA X7R GRM155R71H103K
50V
C2
0.1μF
L1
10μH
R1
1M
5V to 45V APD Bias Power Supply
Input Power vs APD Current
APD CURRENT (mA)
0
500
50
450
350
250
150
400
300
200
100
0
1.5
2
3571 TA02b
3
1
2.5
0.5
APPLICATIONS INFORMATION
Figure 6. High Frequency Path
LOAD
VOUT
L1
SWITCH
NODE
3571 F06
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
Setting APD Current Limit
The LT3571 has a unique current loop to limit the APD
current. Choose the sense resistor RSENSE across VOUT
and MONIN pins to set the APD current limit by using the
following formula:
RSENSE =
200mV
1.2 × IAPD (mA)+ 0.3mA
where IAPD is the APD current limit.
Layout Hints
The high speed operation of the LT3571 demands careful
attention to board layout. Advertised performance will not
be achieved with a careless layout. To prevent radiation
and high frequency resonance problems, proper layout of
the high frequency switching path is essential. Keep the
output switch (SW pin), diode and output capacitor as
close together as possible. Minimize the length and area
of all traces connected to the switch pin, and always use
a ground plane under the switching regulator to minimize
interplane coupling. The high speed switching current path
is shown in Figure 6. The signal path, including the switch,
output diode and output capacitor contains nanosecond rise
and fall times and should be kept as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com