Electronic Components Datasheet Search
  English  ▼

X  

LT3804 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3804
Description  Secondary Side Dual Output Controller with Opto Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3804 Datasheet(HTML) 2 Page - Linear Technology

  LT3804 Datasheet HTML 1Page - Linear Technology LT3804 Datasheet HTML 2Page - Linear Technology LT3804 Datasheet HTML 3Page - Linear Technology LT3804 Datasheet HTML 4Page - Linear Technology LT3804 Datasheet HTML 5Page - Linear Technology LT3804 Datasheet HTML 6Page - Linear Technology LT3804 Datasheet HTML 7Page - Linear Technology LT3804 Datasheet HTML 8Page - Linear Technology LT3804 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3804
2
3804i
VCC Supply Voltage .................................................. 26V
BOOST Pin Voltage with Respect to SW Pin ............ 10V
BOOST Pin Voltage with Respect to GND Pin .......... 35V
SYNC Pin Voltage (Note 2) ..................................... 30V
GNDS1 Pin Voltage ................................................... 1V
GNDS2 Pin Voltage ................................................... 1V
Operating Junction Temperature Range
LT3804E (Note 3) ..............................–40
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD IS SGND (PIN 29)
MUST BE CONNECTED TO PCB
LT3804EFE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 11V, GNDS1=GNDS2=0V, operating maximum VCC = 25V, no load
on any outputs, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
FE PACKAGE
28-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
TOP VIEW
28
27
26
25
24
23
22
8
9
10
11
12
13
14
21
20
19
18
17
16
15
CL1P
CL1N
ILCOMP2
BOOST
TGATE
SW
CSET
SYNC
SS2
PGIN1
PGIN2
GNDS2
GNDS1
VFB2
ILCOMP1
GBIAS
BGATE
VCC
PGND
OPTO
VAOUT1
CL2N
CL2P
PGOOD
VFB1
SS1
BGS
VAOUT2
29
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Voltage (VCC)
q
825
V
Supply Current (IVCC)VAOUT2 ≤ 1.2V (Switching Off)
9
13
mA
BOOST Pin Current
VBOOST = VSW + 8V, 0V ≤ VSW ≤ 24V
TGATE High
2
3
mA
TGATE Low
2
3
mA
Voltage Amplifier VA1,VA2
Reference Voltage (VREF1,VREF2)
Common Mode:
±20mV (0°C to 125°C)
0.591
0.6
0.609
V
(–40
°C to 125°C)
q
0.587
0.609
V
∆VREF over Common Mode: ±100mV
–3
3
mV
VFB1, VFB2 Pin Input Current
VFB1 = VREF1, VFB2 = VREF2
0.2
0.5
µA
Remote Ground Pin (GNDS1,GNDS2) Current
–100mV
≤ GNDS1, GNDS2 ≤ 100mV
q
–50
–100
µA
VAOUT1 High at OA1 Threshold 1.5V
VFB1 = VREF1 – 10mV, IVAOUT1 = –50µA
1.75
V
VAOUT1 High at OA1 Threshold 1.25V
VFB1 = VREF1 – 10mV, IVAOUT1 = –50µA
1.45
V
VAOUT1 Low
VFB1 = VREF1 + 10mV, IVAOUT1 = 100µA
0.7
V
VAOUT2 High
VFB2 = VREF2 – 10mV, IVAOUT2 = –50µA
4.5
V
VAOUT2 Low
VFB2 = VREF2 + 10mV, IVAOUT2 = 100µA
0.8
V
VAOUT1 Source Current
q
100
230
400
µA
VAOUT2 Source Current
q
70
150
250
µA
Open-Loop Gain
100
dB
Gain Bandwidth Product
10
MHz
Soft-Start Current (SS1,SS2)
510
24
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com