Electronic Components Datasheet Search
  English  ▼

X  

RGF30MH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # RGF30MH
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

RGF30MH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  RGF30MH Datasheet HTML 1Page - Zowie Technology Corporation RGF30MH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGF30AH THRU RGF30MH
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Amperes
FEATURES
MECHANICAL DATA
* Halogen-free type
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Ideal for surface mount automated applications
* Fast switching for high efficiency
* Built-in strain relief
* Easy pick and place
* High temperature soldering guaranteed: 260
o
C/10 seconds,
at terminals
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC DO-214AA molded plastic over passivated chip
Terminals : Tin plated, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Weight : 0.004 ounes , 0.12 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current at TL=100
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
TA=150
o
C
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
Typical thermal resistance (NOTE 3)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
trr
CJ
R JA
R JL
TJ,TSTG
RGF30
AH
BH
DH
GH
JH
JAH
KH
KAH
MH
MAH
50
100
200
400
600
600
800
800
1000
1000
3.0
115
1.3
5
50
120
150
250
150
500
300
500
300
60
50
15
-65 to +175
UNITS
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
560
700
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
600
800
800
1000
1000
Volts
Volts
Amps
Amps
uA
nS
pF
o
C / W
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
SMB/DO-214AA
*Dimensions in inches and (millimeters)
PATEN
TED
TM
Zowie Technology Corporation
REV. 0
0.150(3.80)
0.130(3.30)
0.096(2.43)
0.079(2.00)
0.055(1.40)
0.039(1.00)
0.016(0.40)
0.006(0.15)
0.187(4.75)
0.167(4.24)
0.087(2.20)
0.075(1.90)
0.236(6.00)
0.197(5.00)


Similar Part No. - RGF30MH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF30M ZOWIE-RGF30M Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
RGF30M JINANJINGHENG-RGF30M Datasheet
107Kb / 2P
FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
RGF30MA ZOWIE-RGF30MA Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGF30MH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF10A ZOWIE-RGF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF15A ZOWIE-RGF15A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF20A ZOWIE-RGF20A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF30A ZOWIE-RGF30A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF10AH ZOWIE-RGF10AH Datasheet
104Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF20AH ZOWIE-RGF20AH Datasheet
64Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jing Heng Electro...
E2AS JINGHENG-E2AS Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES1A JINGHENG-ES1A Datasheet
49Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES2A JINGHENG-ES2A Datasheet
47Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES3A JINGHENG-ES3A Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com