Electronic Components Datasheet Search
  English  ▼

X  

AN4013 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics AN4013 Datasheet HTML 31Page - STMicroelectronics AN4013 Datasheet HTML 32Page - STMicroelectronics AN4013 Datasheet HTML 33Page - STMicroelectronics AN4013 Datasheet HTML 34Page - STMicroelectronics AN4013 Datasheet HTML 35Page - STMicroelectronics AN4013 Datasheet HTML 36Page - STMicroelectronics AN4013 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Specific applications
AN4013
34/37
DocID022500 Rev 4
5
Specific applications
5.1
Infrared application
The STM32 general-purpose timers can be used to emulate several infrared protocol. An
example of this application is explained in application note AN3174 “Implementing an RC5
infrared remote control receiver with the STM32F100/101/102/103/105/107 microcontrollers
lines.
This application note describes a software solution for implementing an RC5 receiver using
the STM32 general-purpose timers.
5.2
3-phase AC and PMSM control motor
The STM32 advanced and general-purpose timers with ADC and DAC are used to control
two types of 3-phase motor: AC induction motor and PMSM, with different current sensing
methodologies:
Isolated current sensing
Three shunt resistors
Single shunt resistor (ST patented solution)
The STM32 timers are used also in the feedback loop to interface with the different sensors
used in the different rotor position feedback:
Tachogenerator
Quadrature encoder
Hall sensors: 60° and 120° placement
For more details, please refer to: stm32_pmsm_foc_motorcontrol_fmlib.
5.3
Six-step mode
The six step mode is a specific mode of STM32 advanced timers. When complementary
outputs are used on a channel, preload bits are available on the OCxM, CCxE and CCxNE
bits. The preload bits are transferred to the shadow bits at the COM (commutation event).
Thus you can program in advance the configuration for the next step and change the
configuration of all the channels at the same time. COM can be generated by software by
setting the COM bit in the EGR register or by hardware (on TRGI rising edge).
An application example of the use of this mode is the control of the brush-less 3-phase DC
motor (3-phase BLDC motor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com