Electronic Components Datasheet Search
  English  ▼

X  

AN4030 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4030
Description  Triacs and SCRs are power semiconductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4030 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4030 Datasheet HTML 7Page - STMicroelectronics AN4030 Datasheet HTML 8Page - STMicroelectronics AN4030 Datasheet HTML 9Page - STMicroelectronics AN4030 Datasheet HTML 10Page - STMicroelectronics AN4030 Datasheet HTML 11Page - STMicroelectronics AN4030 Datasheet HTML 12Page - STMicroelectronics AN4030 Datasheet HTML 13Page - STMicroelectronics AN4030 Datasheet HTML 14Page - STMicroelectronics AN4030 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN4030
Gate to cathode capacitor, impact on dI/dt capability
Doc ID 022635 Rev 1
11/15
2
Gate to cathode capacitor, impact on dI/dt capability
As well as being almost ineffective in improving Triac immunity, a gate to cathode capacitor
has a major drawback when operating with Triacs. A gate to cathode capacitor significantly
decreases the Triac dI/dt capability. For example, Table 5 gives the experimental results
obtained in repetitive operation for a standard Triac (1 A, 600 V, 5 mA IGT). Table 5 clearly
shows that the lifetime of the device is drastically reduced when a 100 nF or 10 nF gate to
cathode capacitor is added. On the other hand, the Triac dI/dt capability remains if a resistor
is added in series with a gate to cathode capacitor.
The high density current during charge and discharge of the capacitor explained the poor
life time with a gate to cathode capacitor. In case of an RG-CG circuit, the resistor in series
limited this density of current. Triac dV/dt immunity is improved with this circuit and dI/dt
capability is not decreased.
Figure 9 gives the different operating steps when a Triac is switched on in quadrant 2
(VT > 0 and IG < 0) with a gate to cathode capacitor.
The event sequence is as follows.
1.
The triggering current is first sunk from the gate by the control circuit.
2.
The pilot SCR is turned on. This pilot SCR is implemented by the P2-N2-P1-N4 layers.
It is not the same SCR that is on at the end of this switching-on process.
3.
A high inrush current circulates through the gate to cathode capacitor due to the pilot
SCR turn-on (without gate to cathode capacitor, the gate current would be limited by
the gate resistor RG).
4.
The gate to cathode capacitor is discharged after the main SCR turn-on. This SCR is
implemented by the P2-N2-P1-N1 layers. This causes a high peak gate current and
can damage the Triac.
Table 5.
Repetitive dI/dt tests results with a standard 1 A Triac
Without gate to
cathode capacitor
With gate to cathode
capacitor (100 nF)
With RG (50 Ω) and
CG (100 nF)
dI/dt (A/µs)
30
30
30
Ipeak (A)
3.5
3.5
3.5
Number of cycles
(million of cycles)
50
0.1
50
Results
0 failed / 20
8 failed / 10
0 failed / 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com