Electronic Components Datasheet Search
  English  ▼

X  

AN4038 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics AN4038 Datasheet HTML 33Page - STMicroelectronics AN4038 Datasheet HTML 34Page - STMicroelectronics AN4038 Datasheet HTML 35Page - STMicroelectronics AN4038 Datasheet HTML 36Page - STMicroelectronics AN4038 Datasheet HTML 37Page - STMicroelectronics AN4038 Datasheet HTML 38Page - STMicroelectronics AN4038 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Conclusion
AN4038
36/39
Doc ID 022686 Rev 1
Figure 34.
Two electrode designs
Table 8.
Sensor parameter results
Characteristic
Electrode #1
Electrode #2
Detection distance (mm)
29
63
Noise standard deviation
5.70
5.25
Noise maximum delta (burst count)
19
17
Target reference (burst count)
700
1000
Detection threshold (burst count)
25
25
EPCC
20
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com