Electronic Components Datasheet Search
  English  ▼

X  

UM0592 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0592
Description  This document explains the use of the HDD extension demonstration board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0592 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0592 Datasheet HTML 13Page - STMicroelectronics UM0592 Datasheet HTML 14Page - STMicroelectronics UM0592 Datasheet HTML 15Page - STMicroelectronics UM0592 Datasheet HTML 16Page - STMicroelectronics UM0592 Datasheet HTML 17Page - STMicroelectronics UM0592 Datasheet HTML 18Page - STMicroelectronics UM0592 Datasheet HTML 19Page - STMicroelectronics UM0592 Datasheet HTML 20Page - STMicroelectronics UM0592 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
UM0592
Bill of material
Doc ID 15036 Rev 1
17/22
5
Bill of material
Table 8.
Bill of material
Index Qty
Reference
Value/generic
part number
Package
Manufacturer
Connectors and jumpers
1
2
J1,J2
CON40A
Header 2 x 20-pin, 2.54 mm x 2.54 mm pitch
Any
2
2
CN5,CN6
CON50
Header 2 x 25-pin, 2.54 mm x 2.54 mm pitch
Any
36
J7,J8,J9,J11,
J12,J13
CON3
Jumper 3-pin, 2.54 mm pitch
Any
4
2
J10,J6
CON2
Jumper 2-pin, 2.54 mm pitch
Any
5
1
J14
CON16
2.54 mm scratch pad area
Any
6
1
J16
CON4
Jumper 4-pin, 2.54 mm pitch
Any
7
1
J15
CON16A
S016 package
Any
Passive components
122
R1,R4,R5,R6,
R7,R9,R10,
R11,R12,R13,
R14,R15,R16,
R17,R18,R19,
R20,R21,R2,
R23,R24,R33
33
SMD0805
Any
2
2
R25,R28
10k
SMD0805
Any
3
3
R29,R34,R27
82
SMD0805
Any
4
1
R30
5.6k
SMD0805
Any
5
3
R8,R31,R26
22
SMD0805
Any
6
1
R32
1k
SMD0805
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com