Electronic Components Datasheet Search
  English  ▼

X  

UM0672 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0672
Description  CRX14 and CR14 reference design PCB Gerber files
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0672 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0672 Datasheet HTML 2Page - STMicroelectronics UM0672 Datasheet HTML 3Page - STMicroelectronics UM0672 Datasheet HTML 4Page - STMicroelectronics UM0672 Datasheet HTML 5Page - STMicroelectronics UM0672 Datasheet HTML 6Page - STMicroelectronics UM0672 Datasheet HTML 7Page - STMicroelectronics UM0672 Datasheet HTML 8Page - STMicroelectronics UM0672 Datasheet HTML 9Page - STMicroelectronics UM0672 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Printed-circuit board references
UM0672
6/15
Table 1.
Bill of materials for first PCB
Designator
Part type
Footprint
Description
0
Ω
R9
603
Resistor
0.15 µH
L12
1210
Inductor
1N4148
D2
3528
Diode
1 µH
L11
1210
Inductor
3.3
R8
603
Resistor
7 pF
C45
603
Capacitor
7 pF
C44
603
Capacitor
8.2 k
Ω
R2
603
Resistor
10 k
Ω
R13
603
Resistor
10p
C40
603
Capacitor
10 µH
L3
1210
Inductor
13.56 MHz
X2
XTALCMS
Crystal
15 k
Ω
R3
603
Resistor
18 pF
C1
603
Capacitor
22 k
Ω
R6
603
Resistor
22 nF 50 V
C43
603
Capacitor
22 µF
C29
3528
Capacitor
22 µF
C30
3528
Capacitor
22 µF
C21
3528
Capacitor
22 µF
C25
3528
Capacitor
22 µH
l9
1210
Inductor
22 µH
L10
3528
Inductor
27 pF
C3
603
Capacitor
36 pF
C36
603
Capacitor
47
Ω
R10
603
Resistor
68
Ω
R16
603
Resistor
68 pF
C42
603
Capacitor
100 nF
C7
603
Capacitor
100 nF
C10
603
Capacitor
100 nF
C11
603
Capacitor
100 pF
C49
603
Capacitor
100 pF
C47
603
Capacitor
150 pF
C39
603
Capacitor
180 pF
C5
603
Capacitor
330 pF
C46
603
Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com