Electronic Components Datasheet Search
  English  ▼

X  

UM0844 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 30Page - STMicroelectronics UM0844 Datasheet HTML 31Page - STMicroelectronics UM0844 Datasheet HTML 32Page - STMicroelectronics UM0844 Datasheet HTML 33Page - STMicroelectronics UM0844 Datasheet HTML 34Page - STMicroelectronics UM0844 Datasheet HTML 35Page - STMicroelectronics UM0844 Datasheet HTML 36Page - STMicroelectronics UM0844 Datasheet HTML 37Page - STMicroelectronics UM0844 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Working with customized kernels
UM0844
34/43
Doc ID 16544 Rev 3
service tftp
{
socket_type
= dgram
protocol
= udp
wait
= yes
user
= root
server
= /usr/sbin/in.tftpd
server_args
= -c -v -s /tftpboot
disable
= no
per_source
= 11
cps
= 100 2
flags
= IPv4
}
Also, make sure that the /tftpboot directory exists and is world-readable (permissions at
least "dr-xr-xr-x"), and remember to disable the firewall if present (or make new rules to
allow TFTP traffic).
The firewall can be disabled as in the following example command:
# /etc/init.d/iptables stop
Please note that server_args keeps the default search path for TFTP daemon. It is quite
useful since on TFTP client side (target) we can specify file names omitting this path. After
that you need to restart the xinetd daemon to force it to reload the new configuration. You
need to type the following command from host PC prompt:
# service xinetd restart
Stopping xinetd: [OK]
Starting xinetd: [OK]
5.3.2
Updating the kernel on Flash memory by U-Boot
You can use U-Boot and TFTP transfer to write on Flash memory a new kernel image.
For example, use the following procedure to update the kernel on serial NOR Flash for the
SPEAR300EVAL evaluation board:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43