Electronic Components Datasheet Search
  English  ▼

X  

UM0853 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0853
Description  M24LRxx application software user guide
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0853 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0853 Datasheet HTML 7Page - STMicroelectronics UM0853 Datasheet HTML 8Page - STMicroelectronics UM0853 Datasheet HTML 9Page - STMicroelectronics UM0853 Datasheet HTML 10Page - STMicroelectronics UM0853 Datasheet HTML 11Page - STMicroelectronics UM0853 Datasheet HTML 12Page - STMicroelectronics UM0853 Datasheet HTML 13Page - STMicroelectronics UM0853 Datasheet HTML 14Page - STMicroelectronics UM0853 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
UM0853
Tool kit descriptions
Doc ID 16609 Rev 3
11/56
Figure 12.
ANT1-M24LR-A reference antenna
Figure 13.
ANT2-M24LR-A reference antenna
Figure 14.
M24LR64-R in SO8 package
2.4
M24LRxx demonstration kit
Ordering information: DEMO-CR95HF-A.
The DEMO-CR95HF-A is a demonstration kit used to evaluate the performances of ST
CR95HF 13.56 MHz multiprotocol contactless transceiver.
It is powered through the USB bus and no external power supply is required. It includes a
CR95HF contactless transceiver, a 47 x 34 mm 13.56 MHz inductive etched antenna and its
associated tuning components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com