| Electronic Components Datasheet Search |
|
UM0970 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0970 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 30 page ![]() Hardware and layout UM0970 16/30 Doc ID 17693 Rev 2 3.6.4 Ibias current measurement procedure In Low power mode the bias current of operational amplifier input (U4 pin 4) is not negligible compared to IDD current (typical Ibias is ~240 nA). To obtain a reliable STM8L152 IDD measurement it is mandatory to subtract the bias current from the IDD low power measurement since this current is not sinked by the MCU. Ibias is measured during production test and stored in the MCU EPROM. The demonstration software, Discover, uses this value to display the correct IDD. The Ibias measurement procedure is part of the demonstration software and can be launched if required. The procedure for Ibias measurement (implemented in the Demo) is: 1. Power off the board (disconnect the USB cable). 2. Set jumper JP1 to OFF position (pins 1 and 2). 3. Push down B2 (USER button), power on the board from the USB. 4. Wait at least 1 second before releasing B2, the LCD displays the Ibias measurement. 5. Power off the board (disconnect the USB cable). 6. Set jumper JP1 to ON position (pins 2 and 3). The Ibias value is now stored. The bias current is then subtracted from the IDD measurement performed in Low power mode. 3.7 Solder bridges Table 4. Solder bridge Bridge State(1) 1. Default state is in bold type. Description SB1,2 (X2 crystal) Off PA2, PA3 are disconnected from P1 X2, C19, C20 and R24 provide a clock as shown in schematics On PA2, PA3 are connected to P1 (X2, C19, C20, R24 must not be fitted) SB3,5,7,9 (DEFAULT) On Reserved, do not modify SB4,6,8,10 (PRG-32) Off Reserved, do not modify SB11,12,14 (IDD_Measurement) Off PFO, PE6, PC4 are available and IDD module cannot be used JP1 must be set to OFF On PFO, PE6, PC4 are used by IDD module JP1 must be set to ON SB13,15 (X3 crystal) Off PC5, PC6 are only connected to P2 (but do not remove X3, C21, C23, R27) On PC5, PC6 are connected to P2. X3, C21, C23 and R27 provide 32 KHz clock SB16 (B1-RESET) Off PA1/RESET signal is only connected to P1 On PA1/RESET signal is used by ST_LINK as SWIM_RST and also connected to P1 SB17 (B2-USER) Off PC1 is only connected to P2 On PC1 is connected to P2 and push button B2 for user |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |