Electronic Components Datasheet Search
  English  ▼

X  

UM0991 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0991
Description  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 20Page - STMicroelectronics UM0991 Datasheet HTML 21Page - STMicroelectronics UM0991 Datasheet HTML 22Page - STMicroelectronics UM0991 Datasheet HTML 23Page - STMicroelectronics UM0991 Datasheet HTML 24Page - STMicroelectronics UM0991 Datasheet HTML 25Page - STMicroelectronics UM0991 Datasheet HTML 26Page - STMicroelectronics UM0991 Datasheet HTML 27Page - STMicroelectronics UM0991 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Configuring the option bytes for your application
UM0991
24/52
Doc ID 17891 Rev 2
4
Configuring the option bytes for your application
The option bytes allow to configure the device hardware features and memory protection.
They are stored in a dedicated memory block. Refer to the option bytes section of the
STM8L152x6 datasheet for a detailed description.
STVP can be used to program the STM8L option bytes. It is part of the free software
package provided by STMicroelectronics. This easy-to-use tool has a graphical interface
allowing to read, write and verify the STM8 Flash programming memory, data EEPROM and
option bytes.
The STVP executable is available from the Windows start menu.
1.
Open the STVP GUI and select Configure>Configure ST Visual Programmer from
the main menu toolbar. The configuration dialog box opens.
2.
In the hardware list, select ST-LINK as programming board.
3.
In the port list, select USB as the host PC port to which the ST-LINK is connected. Only
the ports that are compatible with the selected hardware are displayed.
4.
in the programming mode list, select SWIM. The programming modes displayed
depend on your programming equipment.
5.
In the device list, select STM8L152x6 as the ST microcontroller you are going to
program (see Figure 18).
Figure 18.
Select your MCU
6.
Select the OPTION BYTE tab, and click Read >Current tab in the menu toolbar. All the
STM8L152C6T6 option bytes and their respective values are displayed in the window
(see Figure 19).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com