Electronic Components Datasheet Search
  English  ▼

X  

LT4250L Datasheet(PDF) 2 Page - Linear Technology

Part # LT4250L
Description  Negative 48V Hot Swap Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4250L Datasheet(HTML) 2 Page - Linear Technology

  LT4250L Datasheet HTML 1Page - Linear Technology LT4250L Datasheet HTML 2Page - Linear Technology LT4250L Datasheet HTML 3Page - Linear Technology LT4250L Datasheet HTML 4Page - Linear Technology LT4250L Datasheet HTML 5Page - Linear Technology LT4250L Datasheet HTML 6Page - Linear Technology LT4250L Datasheet HTML 7Page - Linear Technology LT4250L Datasheet HTML 8Page - Linear Technology LT4250L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT4250L/LT4250H
2
4250lhfa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD – VEE)...................... –0.3V to 100V
PWRGD, PWRGD Pins ............................. –0.3V to 100V
SENSE, GATE Pins ..................................... –0.3V to 20V
UV, OV Pins ................................................ –0.3V to 60V
DRAIN Pin................................................... –2V to 100V
Maximum Junction Temperature........................... 125°C
(Note 1), All Voltages Referred to VEE
1
2
3
4
8
7
6
5
TOP VIEW
VDD
DRAIN
GATE
SENSE
PWRGD
OV
UV
VEE
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 120°C/W (N8)
TJMAX = 125°C, θJA = 150°C/W (S8)
1
2
3
4
8
7
6
5
TOP VIEW
VDD
DRAIN
GATE
SENSE
PWRGD
OV
UV
VEE
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 120°C/W (N8)
TJMAX = 125°C, θJA = 150°C/W (S8)
ORDER INFORMATION
Operating Temperature Range
LT4250LC/LT4250HC ............................... 0°C to 70°C
LT4250LI/LT4250HI.............................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT4250LCN8#PBF
LT4250LCN8#TRPBF
4250L
8-Lead PDIP
0°C to 70°C
LT4250LCS8#PBF
LT4250LCS8#TRPBF
4250L
8-Lead PLASTIC SO
0°C to 70°C
LT4250LIN8#PBF
LT4250LIN8#TRPBF
4250LI
8-Lead PDIP
–40°C to 85°C
LT4250LIS8#PBF
LT4250LIS8#TRPBF
4250LI
8-Lead PLASTIC SO
–40°C to 85°C
LT4250HCN8#PBF
LT4250HCN8#TRPBF
4250H
8-Lead PDIP
0°C to 70°C
LT4250HCS8#PBF
LT4250HCS8#TRPBF
4250H
8-Lead PLASTIC SO
0°C to 70°C
LT4250HIN8#PBF
LT4250HIN8#TRPBF
4250HI
8-Lead PDIP
–40°C to 85°C
LT4250HIS8#PBF
LT4250HIS8#TRPBF
4250HI
8-Lead PLASTIC SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com