Electronic Components Datasheet Search
  English  ▼

X  

LT5570 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5570
Description  Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5570 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5570 Datasheet HTML 3Page - Linear Technology LT5570 Datasheet HTML 4Page - Linear Technology LT5570 Datasheet HTML 5Page - Linear Technology LT5570 Datasheet HTML 6Page - Linear Technology LT5570 Datasheet HTML 7Page - Linear Technology LT5570 Datasheet HTML 8Page - Linear Technology LT5570 Datasheet HTML 9Page - Linear Technology LT5570 Datasheet HTML 10Page - Linear Technology LT5570 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT5570
7
5570f
Output Transient Response,
C1 = 22nF
Output Transient Response,
C1 = 1μF
Slope Distribution vs
Temperature
Logarithmic Intercept Distribution
vs Temperature
Supply Current vs Supply Voltage
Supply Current vs RF Input Power
TYPICAL PERFORMANCE CHARACTERISTICS
Input Return Loss vs Frequency
Reference in Figure 3
Input Return Loss vs Frequency
Reference in Figure 1
(Test Circuits Shown in Figures 1 and 3)
SUPPLY VOLTAGE (V)
4.50
10
15
20
25
30
35
40
4.75
5.00
5.25
5.50
5570 G17
TA = –40°C
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–55
27
28
29
–25
–5
5570 G18
26
25
–45
–35
–15
5
15
24
23
TA = 25°C
FREQUENCY (MHz)
–30
–20
–10
0
–25
–15
–5
200
400
600
800
5570 G19
1000
100
0
300
500
700
900
FREQUENCY (MHz)
500
–30
–25
–20
–15
–10
–5
0
1000
1500
2000
2500
5570 G20
3000
880MHz
2140MHz
2700MHz
TIME (μs)
0
1.0
2.0
3.0
0.5
1.5
2.5
10
20
30
40
5570 G13
–18
–10
–2
6
–14
–6
2
50
5
015
25
35
45
AT 2140MHz
PIN = 10dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = 0dBm
RF
PULSE
OFF
RF
PULSE
OFF
RF PULSE ON
TIME (μs)
0
1.0
2.0
3.0
0.5
1.5
2.5
200
400
600
800
5570 G14
–18
–10
–2
6
–14
–6
2
1000
100
0
300
500
700
900
AT 2140MHz
PIN = 10dBm
PIN = –10dBm
PIN = –20dBm
PIN = –30dBm
PIN = 0dBm
RF
PULSE
OFF
RF
PULSE
OFF
RF PULSE ON
SLOPE (mV/dB)
35.4
0
5
15
20
25
37.8
38.4
45
5570 G15
10
36
36.6
37.2
39
30
35
40
TA = –40 C
TA = 25 C
TA = 85 C
LOGARITHMIC INTERCEPT (dBm)
–44
0
5
15
20
25
–40
–39
–38
45
5570 G16
10
–43
–42
–41
30
35
40
TA = –40 C
TA = 25 C
TA = 85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com