Electronic Components Datasheet Search
  English  ▼

X  

DF1502H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # DF1502H
Description  GLASS PASSIVATED BRIDGE RECTIFIER Halogen-free type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

DF1502H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  DF1502H Datasheet HTML 1Page - Zowie Technology Corporation DF1502H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF1502H THRU DF1510H
GLASS PASSIVATED BRIDGE RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 1.5 Amperes
FEATURES
MECHANICAL DATA
* Glass passivated chip junctions
* Low Forward Voltage Drop, High Current Capability
* High Surge Current Capability
* Designed for Surface Mount Application
* Plastic Material-UL Recognition Flammability
Classification 94V-0
Case : Molded Plastic
Terminals : Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity : As marked on Case
Weight : 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current @ TA=40
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage @ IF=1.5 A
Maximum DC reverse current
at rated DC blocking voltage
@TC=25
o
C
@TC=125
o
C
Typical junction capacitance per element (NOTE 1)
Typical thermal resistance, junction to ambient (NOTE 2)
Operating junction and storage temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
CJ
R JA
TJ,TSTG
1.5
50
1.1
5
500
25
40
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
200
140
200
DF1502H
400
280
DF1504H
400
600
420
DF1506H
600
800
560
DF1508H
800
1000
700
DF1510H
1000
Volts
Volts
Amps
Amps
uA
pF
I2t rating for fusing ( t < 8.3ms )
I2t
10.4
A
2
s
o
C / W
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
(2) Thermal resistance, junction to ambient, measured on PC board with 0.5 x 0.5" (13 x 13mm)copper pads.
Zowie Technology Corporation
REV. 0
*Dimensions in inches and (millimeters)
DFM
.323(8.20)
.315(8.00)
.335(8.50)
.307(7.80)
.102(2.60)
.087(2.20)
.256(6.50)
.031(0.8)
.244(6.20)
.024(0.6)
.205(5.2)
.197(5.0)
.022(0.55)
.018(0.45)
.193(4.9)
.165(4.2)
.350(8.9)
.311(7.9)
.079(2.00)
.059(1.50)
-
+
~
~
*
Halogen-free type
4
1
3
2


Similar Part No. - DF1502H

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DF1502 FCI-DF1502 Datasheet
110Kb / 2P
1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
PACELEADER INDUSTRIAL
DF1502 PACELEADER-DF1502 Datasheet
179Kb / 2P
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
DF1502 ZOWIE-DF1502 Datasheet
58Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Formosa MS
DF1502 FORMOSA-DF1502 Datasheet
144Kb / 6P
Bridge Rectifier
logo
First Silicon Co., Ltd
DF1502 FS-DF1502 Datasheet
191Kb / 2P
Bridge Rectifier
More results

Similar Description - DF1502H

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DI100S FORMOSA-DI100S Datasheet
70Kb / 2P
Surface Mount Bridge Rectifier - Glass passivated type
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Pan Jit International I...
PG100R PANJIT-PG100R_09 Datasheet
68Kb / 2P
HALOGEN FREE GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
MBCR10MPH ZOWIE-MBCR10MPH Datasheet
46Kb / 2P
Bridge Rectifier Halogen-free type
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com