Electronic Components Datasheet Search
  English  ▼

X  

LT6100 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6100
Description  Precision, Gain Selectable High Side Current Sense Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6100 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6100 Datasheet HTML 9Page - Linear Technology LT6100 Datasheet HTML 10Page - Linear Technology LT6100 Datasheet HTML 11Page - Linear Technology LT6100 Datasheet HTML 12Page - Linear Technology LT6100 Datasheet HTML 13Page - Linear Technology LT6100 Datasheet HTML 14Page - Linear Technology LT6100 Datasheet HTML 15Page - Linear Technology LT6100 Datasheet HTML 16Page - Linear Technology LT6100 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LT6100
13
6100fd
For more information www.linear.com/LT6100
APPLICATIONS INFORMATION
Low Sense Voltage Operation
Figure 4 shows the simplest circuit configuration in which
the LT6100 may be used. While VOUT (output voltage)
increases with positive sense current, at VSENSE = 0V,
the LT6100’s buffered output can only swing as low as
VOL = 15mV. The accuracy at small sense voltages can be
improved by selecting higher gain. When gain of 50V/V
is selected, as shown in Figure 7, VOUT leaves the clipped
region for a positive VSENSE greater than 1mV compared
to 2.5mV for gain of 10V/V (see Figure 6).
OUTPUT
VEE
OUT
6100 F04
RSENSE
LT6100
8
1
VS–
VS+
A4
2
VCC
A2
3
4
7
C2
0.1µF
C1
0.1µF
3V
6
5
FIL
TO LOAD
+
5V
+
SENSE VOLTAGE (VS+ – VS–) (mV)
0
0.6
0.8
1.0
90
150
6100 F05
0.4
0.2
0
30
60
120
1.2
1.4
1.6
VS = 4.4V TO 48V
VCC = 3V
AV = 10V/V
TA = 25°C
Figure 4. LT6100 Load Current Monitor
Figure 5. Output Voltage vs VSENSE
SENSE VOLTAGE (VS+ – VS–) (mV)
0
0.15
0.20
0.25
15
25
6100 F06
0.10
0.05
0
5
10
20
0.30
0.35
0.40
30
VS = 4.4V TO 48V
VCC = 3V
AV = 10V/V
TA = 25°C
SENSE VOLTAGE (VS+ – VS–) (mV)
0
0
0.2
0.6
0.8
1.0
20
1.8
6100 F07
0.4
10
5
25
15
30
1.2
1.4
1.6
VS = 4.4V TO 48V
VCC = 3V
AV = 50V/V
TA = 25°C
Figure 6. Expanded View of Output Voltage vs VSENSE, AV = 10V/V
Figure 7. Expanded View of Output Voltage vs VSENSE, AV = 50V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com