Electronic Components Datasheet Search
  English  ▼

X  

LT6205 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6205
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6205 Datasheet(HTML) 2 Page - Linear Technology

  LT6205 Datasheet HTML 1Page - Linear Technology LT6205 Datasheet HTML 2Page - Linear Technology LT6205 Datasheet HTML 3Page - Linear Technology LT6205 Datasheet HTML 4Page - Linear Technology LT6205 Datasheet HTML 5Page - Linear Technology LT6205 Datasheet HTML 6Page - Linear Technology LT6205 Datasheet HTML 7Page - Linear Technology LT6205 Datasheet HTML 8Page - Linear Technology LT6205 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT6205/LT6206/LT6207
2
620567fc
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–)..............................12.6V
Input Current .......................................................±10mA
Input Voltage Range (Note 2).................................... ±VS
Output Short-Circuit Duration (Note 3) ........... Indefinite
Pin Current While Exceeding Supplies (Note 9) ...±25mA
Operating Temperature Range (Note 4)
LT6205C/LT6206C/LT6207C,
LT6205I/LT6206I/LT6207I .................... –40°C to 85°C
LT6205H ........................................... –40°C to 125°C
(Note 1)
5 V+
4 –IN
OUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
V– 2
+IN 3
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
–
+
–
TJMAX = 150°C, θJA = 250°C/W
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
C
–
+
D
+
–
B
–
+
A
+
–
TJMAX = 150°C, θJA = 135°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6205CS5#PBF
LT6205CS5#TRPBF
LTAEM
5-Lead Plastic TSOT-23
0°C to 70°C
LT6205IS5#PBF
LT6205IS5#TRPBF
LTAEM
5-Lead Plastic TSOT-23
–40°C to 85°C
LT6205HS5#PBF
LT6205HS5#TRPBF
LTAEM
5-Lead Plastic TSOT-23
–40°C to 125°C
LT6206CMS8#PBF
LT6206CMS8#TRPBF
LTH3
8-Lead Plastic MSOP
0°C to 70°C
LT6206IMS8#PBF
LT6206IMS8#TRPBF
LTH4
8-Lead Plastic MSOP
–40°C to 85°C
LT6207CGN#PBF
LT6207CGN#TRPBF
6207
16-Lead Narrow Plastic SSOP
0°C to 70°C
LT6207IGN#PBF
LT6207IGN#TRPBF
6207I
16-Lead Narrow Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 4)
LT6205C/LT6206C/LT6207C ..................... 0°C to 70°C
LT6205I/LT6206I/LT6207I .................... –40°C to 85°C
LT6205H ........................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Junction Temperature .......................... 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com