Electronic Components Datasheet Search
  English  ▼

X  

K621 Datasheet(PDF) 1 Page - Knox Semiconductor, Inc

Part # K621
Description  LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOX [Knox Semiconductor, Inc]
Direct Link  http://www.knoxsemiconductor.com
Logo KNOX - Knox Semiconductor, Inc

K621 Datasheet(HTML) 1 Page - Knox Semiconductor, Inc

  K621 Datasheet HTML 1Page - Knox Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.O. BOX 609
• ROCKPORT, MAINE 04856 • 207-236-6076 • FAX 207-236-9558
LOW LEVEL ZENER DIODES
SHARP KNEE, LOW IMPEDANCE
K511 - K681
•• Unique manufacturing process
•• Remarkably sharp breaking diodes
•• Very low impedances at low current levels
•• Lowest values of impedance ever achieved at the 250uA level
NOMINAL
DYNAMIC IMPEDANCE
REVERSE CURRENT
PART
ZENER VOLTAGE
MAX Zz
MAX Zzk
@ 25° C
NUMBER
@ Iz = 250µA
@ Iz = 250 µA
@ Iz = 1 mA
MAX Ir
Vr
(Vdc)
(OHMS)
(OHMS)
(µA)
(Vdc)
K511
5.1
50
15
.05
2.5
K561
5.6
45
15
.05
3.5
K621
6.2
35
18
.05
5.6
K681
6.8
25
18
.05
6.4
Package Style
DO-7
DC Power Dissipation
@ Ta = 50° C
250 mW
Derate above 50° C
2 mW / °C
Forward Voltage Drop
@ If = 100 mA
1.3 Vdc
Operating Temperature (Topr)
-65 to + 175° C
Storage Temperature (Tstg)
-65 to + 200° C
Voltage Tolerance:
Standard Device
±10%


Similar Part No. - K621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K6211WHI ETC-K6211WHI Datasheet
9Mb / 19P
Logic Plus™
More results

Similar Description - K621

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Microdiode Semiconducto...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
Low zener impedance
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
Low zener impedance
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
Low zener impedance.
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
Low zener impedance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com