Electronic Components Datasheet Search
  English  ▼

X  

LT6551 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6551
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6551 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6551 Datasheet HTML 8Page - Linear Technology LT6551 Datasheet HTML 9Page - Linear Technology LT6551 Datasheet HTML 10Page - Linear Technology LT6551 Datasheet HTML 11Page - Linear Technology LT6551 Datasheet HTML 12Page - Linear Technology LT6551 Datasheet HTML 13Page - Linear Technology LT6551 Datasheet HTML 14Page - Linear Technology LT6551 Datasheet HTML 15Page - Linear Technology LT6551 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT6550/LT6551
13
65501fa
+
–
OA
450
Ω
450
Ω
+
–
OA
450
Ω
450
Ω
+
–
OA
450
Ω
450
Ω
6551 TA02
+
–
OA
450
Ω
450
Ω
1
2
3
4
5
10
9
8
7
6
75
Ω
1k
4k
470
µF
75
Ω
75
Ω
1k
4k
470
µF
VCC = 5V
VCC = 5V
LUMINANCE
CHROMA
75
Ω
75
Ω
75
Ω
OUT2
OUT1
S-VIDEO
CONNECTOR
S-VIDEO
CONNECTOR
LUMINANCE
OUT1
LUMINANCE
OUT2
CHROMA
OUT1
CHROMA
OUT2
LT6551
S Video Splitter
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com