Electronic Components Datasheet Search
  English  ▼

X  

LT6555 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6555
Description  650MHz Gain of 2 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6555 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6555 Datasheet HTML 5Page - Linear Technology LT6555 Datasheet HTML 6Page - Linear Technology LT6555 Datasheet HTML 7Page - Linear Technology LT6555 Datasheet HTML 8Page - Linear Technology LT6555 Datasheet HTML 9Page - Linear Technology LT6555 Datasheet HTML 10Page - Linear Technology LT6555 Datasheet HTML 11Page - Linear Technology LT6555 Datasheet HTML 12Page - Linear Technology LT6555 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6555
9
6555f
APPLICATIO S I FOR ATIO
VREF voltage to the desired level. The only way to cover the
full common mode voltage range of V– + 1V to V+ – 1V is
to shift VREF up or down. Note that on a single supply, the
unclamped input range limits the output low swing to 2V
(1V multiplied by the internal gain of 2).
The VREF pin can also be directly driven with a DC source.
Bypassing the VREF pin is not necessary.
The inputs can be driven beyond the point at which the
output clips so long as input currents are limited to less
than
±10mA. Continuing to drive the input beyond the
output limit can result in increased current drive and
slightly increased swing, but will also increase supply
current and may result in delays in transient response at
larger levels of overdrive.
Layout and Grounding
It is imperative that care is taken in PCB layout in order to
benefit from the very high speed and very low crosstalk of
the LT6555. Separate power and ground planes are highly
recommended and trace lengths should be kept as short
as possible. If input or output traces must be run over a
distance of several centimeters, they should use a con-
trolled impedance with matching series and shunt resis-
tances (nominally 75
Ω) to maintain signal fidelity.
Series termination resistors should be placed as close to
the output pins as possible to minimize output capaci-
tance. See the Typical Performance Characteristics sec-
tion for a plot of frequency response with various output
capacitors—only 10pF of parasitic output capacitance
before the series termination resistor causes 6dB of
peaking in the frequency response!
Low ESL/ESR bypass capacitors should be placed as
close to the positive and negative supply pins as possible.
One 4700pF ceramic capacitor is recommended for both
V+ and V– supply busses. Additional 470pF ceramic ca-
pacitors with minimal trace length on each supply pin will
further improve AC and transient response as well as
channel isolation. For high current drive and large-signal
transient applications, additional 1
µF to 10µF tantalums
should be added on each supply. The smallest value
capacitors should be placed closest to the package.
If the AGND pins are not connected to ground, they must
be carefully bypassed to maintain minimal impedance
over frequency. Although crosstalk will vary depending
upon board layout, a recommended starting point for
bypass capacitors would be 470pF as close as possible to
each AGND pin with a single 4700pF capacitor in parallel.
VREF
40k
40k
6555 F01
V+
V–
IN
Figure 1. Simplified Schematic of VREF Pin and Input Clamping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com