Electronic Components Datasheet Search
  English  ▼

X  

LTC1153 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1153
Description  Auto-Reset Electronic Circuit Breaker
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1153 Datasheet(HTML) 1 Page - Linear Technology

  LTC1153 Datasheet HTML 1Page - Linear Technology LTC1153 Datasheet HTML 2Page - Linear Technology LTC1153 Datasheet HTML 3Page - Linear Technology LTC1153 Datasheet HTML 4Page - Linear Technology LTC1153 Datasheet HTML 5Page - Linear Technology LTC1153 Datasheet HTML 6Page - Linear Technology LTC1153 Datasheet HTML 7Page - Linear Technology LTC1153 Datasheet HTML 8Page - Linear Technology LTC1153 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1153
DESCRIPTIO
S
FEATURE
Auto-Reset
Electronic Circuit Breaker
s
Programmable Trip Delay: 15
µs to >100ms
s
Programmable Trip Current: 1mA to >20A
s
Programmbale Auto-Reset Time: 1ms to >10 sec.
s
4.5V to 18V Supply Range
s
Drives Low RDS(ON) N-Channel MOSFETs
s
Status Output Indicates Fault Condition
s
Thermal Trip with PTC Thermistor
s
8
µA IQ in Standby Mode
s
No External Charge Pump Capacitors
s
Available in 8-Pin SOIC
The LTC1153 electronic circuit breaker drives a low cost
N-channel MOSFET to interrupt power to a sensitive
electronic load in the event of an over-current condition.
The breaker remains tripped for a period of time set by an
external timing capacitor and then is automatically reset.
This cycle continues until the over-current condition is
removed, protecting both the sensitive load and the
MOSFET switch.
The trip current, trip delay time and auto-reset period are
programmable over a wide range to accommodate a
variety of load impedances. An active high shutdown input
is also provided and interfaces directly to a PTC thermistor
for thermal circuit breaking. An open-drain output is
provided to report breaker status to the
µP.
The LTC1153 is available in both 8-pin DIP and 8-pin SOIC
packages.
S
APPLICATI
s
Power Bus Circuit Breaker
s
SCSI Termination Power Protection
s
Regulator Over-Current Protection
s
Battery Short-Circuit Protection
s
DC Motor Stall Protection
s
Sensitive System Power Interrupt
APPLICATI
TYPICAL
Trip Delay Time
5V/1A Electronic Circuit Breaker with 1ms Trip Delay,
200ms Auto-Reset Period and 70
°C Thermal Shutdown
CIRCUIT BREAKER CURRENT (A)
1
0.01
10
10
100
LTC1153 • TA02
1
0.1
RSEN = 0.1Ω
RD = 100k
CD = 0.01µF
IN
CT
STATUS
GND
VS
DS
G
SHUTDOWN
LTC1153
CD
0.01
µF
RD
100k
*RSEN
0.1
Ω
IRLR024
51k
SENSITIVE
5V LOAD
**70°C
PTC
51k
5V
TO
µP
CT
0.22
µF
ON/OFF
ALL COMPONENTS SHOWN ARE SURFACE MOUNT.
IMS026 INTERNATIONAL MANUFACTURING SERVICE, INC. (401) 683-9700
RL2006-100-70-30-PT1 KEYSTONE CARBON COMPANY (814) 781-1591
*
**
LTC1153 • TA01
Z5U


Similar Part No. - LTC1153

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC1153C LINER-LTC1153C Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC1153CN8 LINER-LTC1153CN8 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC1153CS8 LINER-LTC1153CS8 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
More results

Similar Description - LTC1153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Cooper Bussmann, Inc.
120 COOPER-120 Datasheet
70Kb / 1P
Auto, Manual & Modified Reset Circuit Protectors
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com