Electronic Components Datasheet Search
  English  ▼

X  

AN4103 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN4103
Description  Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4103 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN4103 Datasheet HTML 11Page - STMicroelectronics AN4103 Datasheet HTML 12Page - STMicroelectronics AN4103 Datasheet HTML 13Page - STMicroelectronics AN4103 Datasheet HTML 14Page - STMicroelectronics AN4103 Datasheet HTML 15Page - STMicroelectronics AN4103 Datasheet HTML 16Page - STMicroelectronics AN4103 Datasheet HTML 17Page - STMicroelectronics AN4103 Datasheet HTML 18Page - STMicroelectronics AN4103 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AN4103
Receiver parameters
Doc ID 023130 Rev 1
15/20
Figure 14.
RX blocking vs. CW interferer offset with 1 % BER
3.3
Receiver spurious radiation
Spurious radiation from the receiver come from components at any frequency, radiated by
the equipment and antenna.
A spectrum analyzer is used as the external receiver. The measurement is performed
setting SPIRIT1 without modulation and observing until 4 GHz as described in ETSI [2]
subclause 8.6.
The measurement is split between two figures, showing the frequency ranges above and
below 1 GHz. Figure 15 indicates the unwanted spurious emission for frequencies below
1 GHz. This measurement is performed by setting the instrument with a resolution
bandwidth of 100 kHz, as requested in ETSI [2]. In Figure 16 the spurious radiation from the
receiver for frequencies from 1 GHz to 4 GHz is shown. This measurement is performed by
setting the instrument with a resolution bandwidth of 1 MHz, as requested in ETSI [2]. In the
two figures the mask request from ETSI is also indicated.
The receiver spurious radiation of SPIRIT1 complies with ETSI [2] subclause 8.6.
-10
0
10
20
30
40
50
60
70
80
-10000
-8000
-6000
-4000
-2000
0
2000
4000
6000
8000
10000
CW interferer offset [kHz]
1.2 kbps
2.4 kbps
ETSI Limits
AM16357v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com