Electronic Components Datasheet Search
  English  ▼

X  

AN4110 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4110
Description  Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4110 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4110 Datasheet HTML 10Page - STMicroelectronics AN4110 Datasheet HTML 11Page - STMicroelectronics AN4110 Datasheet HTML 12Page - STMicroelectronics AN4110 Datasheet HTML 13Page - STMicroelectronics AN4110 Datasheet HTML 14Page - STMicroelectronics AN4110 Datasheet HTML 15Page - STMicroelectronics AN4110 Datasheet HTML 16Page - STMicroelectronics AN4110 Datasheet HTML 17Page - STMicroelectronics AN4110 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Reference
AN4110
16/18
Doc ID 023182 Rev 1
5
Reference
1.
SPIRIT1 datasheet.
2.
ETSI EN300 220 V2.3.1: “Electromagnetic compatibility and Radio spectrum Matters
(ERM); Short Range Devices (SRD); Radio equipment to be used in the 25 MHz to
1000 MHz frequency range with power levels ranging up to 500 mW”.
3.
CEPT/ERC/Recommendation 70-03: “Relating to the use of short range devices
(SRD)”.
4.
CEN/TC prEN 13757-4:2011.10: “Communication systems for meters and remote
reading of meters - Part 4: Wireless meter readout (radio meter reading for operating in
SRD bands)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com