Electronic Components Datasheet Search
  English  ▼

X  

AN4112 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4112
Description  Using STM32F05xx analog comparators in application cases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4112 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4112 Datasheet HTML 8Page - STMicroelectronics AN4112 Datasheet HTML 9Page - STMicroelectronics AN4112 Datasheet HTML 10Page - STMicroelectronics AN4112 Datasheet HTML 11Page - STMicroelectronics AN4112 Datasheet HTML 12Page - STMicroelectronics AN4112 Datasheet HTML 13Page - STMicroelectronics AN4112 Datasheet HTML 14Page - STMicroelectronics AN4112 Datasheet HTML 15Page - STMicroelectronics AN4112 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Capacitance measurement
AN4112
12/17
Doc ID 023195 Rev 1
5
Capacitance measurement
The ability to connect the COMP2 output to the input capture channels of the timers allows
the capacitance value to be measured. The principle is based on measuring the charge time
of a resistor-capacitor (RC) network as follows:
●
the charge time is measured
●
the charge resistor (R) is already known
●
the unknown capacitance (C) can be computed
Figure 9 shows the hardware connection of the RC network to an STM32F05xx device.
Figure 9.
RC network connection for capacitance measurement
The capacitance measurement procedure consists of charging and discharging the
capacitor through the resistor. The charge/discharge function follows an exponential curve.
The charge function is given by Example 1.
Example 1
where:
●
VDD is the positive supply voltage
●
t is the time
●
T is the RC constant
Charging and discharging the RC network is ensured by the timer output compare channel
(TIMx OC) configured in PWM mode. The timer channel is connected to the resistor.
The input voltage is connected to the COMP2 non-inverting input while the threshold is
connected to the COMP2 inverting input. When the input voltage crosses the threshold, the
COMP2 output switches to high level and a capture event occurs saving the counter value.
Figure 10 shows the capacitance measurement.
Input voltage
V
DD 1t T
⁄
–
()
exp
–
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com