Electronic Components Datasheet Search
  English  ▼

X  

LTC1865L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1865L
Description  Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865L Datasheet(HTML) 1 Page - Linear Technology

  LTC1865L Datasheet HTML 1Page - Linear Technology LTC1865L Datasheet HTML 2Page - Linear Technology LTC1865L Datasheet HTML 3Page - Linear Technology LTC1865L Datasheet HTML 4Page - Linear Technology LTC1865L Datasheet HTML 5Page - Linear Technology LTC1865L Datasheet HTML 6Page - Linear Technology LTC1865L Datasheet HTML 7Page - Linear Technology LTC1865L Datasheet HTML 8Page - Linear Technology LTC1865L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1864L/LTC1865L
sn18645L 18645Lfs
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
µPower, 3V, 16-Bit, 150ksps
1- and 2-Channel ADCs in MSOP
Single 3V Supply, 150ksps, 16-Bit Sampling ADC
Supply Current vs Sampling Frequency
The LTC
®1864L/LTC1865L are 16-bit A/D converters that
are offered in MSOP and SO-8 packages and operate on a
single 3V supply. At 150ksps, the supply current is only
450µA. The supply current drops at lower speeds because
the LTC1864L/LTC1865L automatically power down
between conversions. These 16-bit switched capacitor
successive approximation ADCs include sample-and-holds.
The LTC1864L has a differential analog input with an
external reference pin. The LTC1865L offers a software-
selectable 2-channel MUX and an external reference pin on
the MSOP version.
The 3-wire, serial I/O, small MSOP or SO-8 package and
extremely high sample rate-to-power ratio make these
ADCs ideal choices for compact, low power, high speed
systems.
These ADCs can be used in ratiometric applications or
with external references. The high impedance analog
inputs and the ability to operate with reduced spans down
to 1V full scale allow direct connection to signal sources
in many applications, eliminating the need for external
gain stages.
■ 16-Bit 150ksps ADCs in MSOP Package
■ Single 3V Supply
■ Low Supply Current: 450µA (Typ)
■ Auto Shutdown Reduces Supply Current
to 10µA at 1ksps
■ True Differential Inputs
■ 1-Channel (LTC1864L) or 2-Channel (LTC1865L)
Versions
■ SPI/MICROWIRE
TM Compatible Serial I/O
■ 16-Bit Upgrade to 12-Bit LTC1285/LTC1288
■ Pin Compatible with 12-Bit LTC1860L/LTC1861L
■ No Minimum Data Transfer Rate
, LTC and LT are registered trademarks of Linear Technology Corporation.
■ High Speed Data Acquisition
■ Portable or Compact Instrumentation
■
Low Power Battery-Operated Instrumentation
■ Isolated and/or Remote Data Acquisition
1
2
3
4
8
7
6
5
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
LTC1864L
1864 TA01
ANALOG INPUT
0V TO 3V
3V
1µF
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
MICROWIRE is a trademark of National Semiconductor Corporation.
SAMPLING FREQUENCY (kHz)
0.1
1
10
100
1000
0.01
1
10
1000
1864L/65L TA02
0.1
100
CONV LOW = 2µs
TA = 25°C
VCC = 2.7V


Similar Part No. - LTC1865L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865L LINER-LTC1865L Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1865L LINER-LTC1865L Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1865L LINER-LTC1865L Datasheet
357Kb / 16P
關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1865LACMS LINER-LTC1865LACMS Datasheet
360Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel
More results

Similar Description - LTC1865L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com