Electronic Components Datasheet Search
  English  ▼

X  

LTC2306 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2306
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2306 Datasheet(HTML) 3 Page - Linear Technology

  LTC2306 Datasheet HTML 1Page - Linear Technology LTC2306 Datasheet HTML 2Page - Linear Technology LTC2306 Datasheet HTML 3Page - Linear Technology LTC2306 Datasheet HTML 4Page - Linear Technology LTC2306 Datasheet HTML 5Page - Linear Technology LTC2306 Datasheet HTML 6Page - Linear Technology LTC2306 Datasheet HTML 7Page - Linear Technology LTC2306 Datasheet HTML 8Page - Linear Technology LTC2306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2302/LTC2306
3
23026fa
CONVERTER AND MULTIPLEXER CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (CH0, CH1, IN+)
(Note 9)
l
–0.05
REFCOMP
V
VIN–
Absolute Input Range (CH0, CH1, IN–)
Unipolar (Note 9)
Bipolar (Note 9)
l
l
–0.05
–0.05
0.25 • REFCOMP
0.75 • REFCOMP
V
V
VIN+ – VIN– Input Differential Voltage Range
VIN = VIN+ – VIN– (Unipolar)
VIN = VIN+ – VIN– (Bipolar)
l
l
0 to VREF
±VREF/2
V
V
IIN
Analog Input Leakage Current
l
±1
μA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
55
5
pF
pF
CMRR
Input Common Mode Rejection Ratio
70
dB
The
l denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 4, 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
12
Bits
Integral Linearity Error
(Note 6)
l
±0.3
±1
LSB
Differential Linearity Error
l
±0.25
±1
LSB
Bipolar Zero Error
(Note 7)
l
±1
±6
LSB
Bipolar Zero Error Drift
0.002
LSB/°C
Unipolar Zero Error
(Note 7)
l
±1
±6
LSB
Unipolar Zero Error Drift
0.002
LSB/°C
Unipolar Zero Error Match (LTC2306)
±0.3
±3
LSB
Bipolar Full-Scale Error
(Note 8)
l
±1.5
±8
LSB
Bipolar Full-Scale Error Drift
0.05
LSB/°C
Unipolar Full-Scale Error
(Note 8)
l
±1.2
±6
LSB
Unipolar Full-Scale Error Drift
0.05
LSB/°C
Unipolar Full-Scale Error Match (LTC2306)
±0.3
±3
LSB
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Input Range
l
0.1
VDD
V
IREF
Reference Input Current
fSMPL = 0ksps, VREF = 4.096V
fSMPL = 500ksps, VREF = 4.096V
l
l
50
230
80
260
μA
μA
CREF
Reference Input Capacitance
55
pF
REFERENCE INPUT The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com