Electronic Components Datasheet Search
  English  ▼

X  

AN4127 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4127
Description  This document describes the STEVAL-SPBT3ATV3 demonstration board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4127 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4127 Datasheet HTML 10Page - STMicroelectronics AN4127 Datasheet HTML 11Page - STMicroelectronics AN4127 Datasheet HTML 12Page - STMicroelectronics AN4127 Datasheet HTML 13Page - STMicroelectronics AN4127 Datasheet HTML 14Page - STMicroelectronics AN4127 Datasheet HTML 15Page - STMicroelectronics AN4127 Datasheet HTML 16Page - STMicroelectronics AN4127 Datasheet HTML 17Page - STMicroelectronics AN4127 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Getting started
AN4127
14/27
Doc ID 023304 Rev 1
Figure 20.
BDAddress dongle1, dongle2
From now on the user can operate the dongle using the AT commands.
6.2.2
Inquiry and available services
Before establishing a connection, the dongle must know which Bluetooth devices are
present and which services are offered. Each module has its own address which identifies
the module itself in the network. The BD address can be found during the discovery phase.
If the BD address of the Bluetooth device the user wants to connect to is known, the inquiry
procedure can be omitted.
●
Discovery:
–
AT+AB discovery
This command returns the number of responses of nearby devices and then the individual
responses with the BD address, and device name. The number of devices returned is
limited to 10.
Inquiry is performed with an interval of 10.24 seconds.
The devices are reported in the same order as the original inquiry results.
For each name or service name request that is successful, the response uses the returned
names in the following format:
–
AT-AB device [BD addr] [name]
–
AT-AB device [BD addr] Unknown
As a consequence of a discovery command issued by dongle1, the following lines are
displayed:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com