| Electronic Components Datasheet Search |
|
AN4169 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4169 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 14 page ![]() AN4169 Design recommendations when using SPIRIT1 RF IC Doc ID 023704 Rev 1 11/14 Figure 7. SPIRIT1 direct tie type application board layout Here below is a guide on how to realize the layout of the SPIRIT1 application board. ● The discrete balun of the RX path must be placed as close to the RX pins as possible. ● The traces that connect the two RX pins to the balun network (differential traces) should be of equal length. If the two differential signals are unbalanced, common-mode problems can be generated. ● Route differential traces closely together. Differential receivers are designed to be sensitive to the difference between a pair of inputs, but also to be insensitive to a common-mode shift of those inputs. Therefore, if any external noise is coupled equally into the differential traces, the receiver is insensitive to this (common mode coupled) noise. The more closely differential traces are routed together, the more equal any coupled noise is on each trace, therefore the better the rejection of the noise in the circuit is. ● The parallel inductors in the RX path (and in general) should be mutually perpendicular to avoid mutual couplings. If no perpendicular position is possible, turn away their interposing capacitors or resistors. ● The TX and RX section should be separated by a ground plane in the top layer to reduce the coupling. ● Connect the TX and RX section using 50 Ωgrounded coplanar lines wherever possible. This type of line structure reduces radiation and coupling effects. Also the characteristic impedance of the track is less sensible to the PCB thickness variation. ● The interconnections between the elements are not considered transmission lines because their lengths are much shorter than the wavelength and, therefore, their RX balun network V DD filter capacitor Crystal section Spirit RF IC V DD filter capacitors SMPS filtering TX filtering and matching Decoupling capacitors Choke inductor PCB vias AM14762V1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |