Electronic Components Datasheet Search
  English  ▼

X  

LTC2903-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2903-1
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2903-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC2903-1 Datasheet HTML 1Page - Linear Technology LTC2903-1 Datasheet HTML 2Page - Linear Technology LTC2903-1 Datasheet HTML 3Page - Linear Technology LTC2903-1 Datasheet HTML 4Page - Linear Technology LTC2903-1 Datasheet HTML 5Page - Linear Technology LTC2903-1 Datasheet HTML 6Page - Linear Technology LTC2903-1 Datasheet HTML 7Page - Linear Technology LTC2903-1 Datasheet HTML 8Page - Linear Technology LTC2903-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2903-1
29031f a
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
V1, V2 ...................................................... – 0.3V to 6.5V
V3 ................................................. 2.7V or (VCC + 0.3V)
V4 (LTC2903-A1, -B1, -D1, -E1) ...............– 0.3V to 6.5V
V4 (LTC2903-C1) .................................... – 6.5V to 0.3V
RST ........................................................ – 0.3V to 6.5V
Operating Temperature Range
LTC2903C-X1 .......................................... 0°C to 70°C
LTC2903I-X1 ...................................... – 40°C to 85°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
ORDER PART NUMBER
(Notes 1, 2, 3)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC2903CS6-A1
LTC2903CS6-B1
LTC2903CS6-C1
LTC2903CS6-D1
LTC2903CS6-E1
LTC2903IS6-A1
LTC2903IS6-B1
LTC2903IS6-C1
LTC2903IS6-D1
LTC2903IS6-E1
TJMAX = 125°C, θJA = 230°C/W
V1 1
GND 2
V2 3
6 RST
5 V4
4 V3
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
S6 PART MARKING
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT33
3.3V, 10% Reset Threshold
V1 Input Threshold
●
2.871
2.921
2.970
V
VRT25
2.5V, 10% Reset Threshold
V2 Input Threshold
●
2.175
2.213
2.250
V
VRT18
1.8V, 10% Reset Threshold
V3 Input Threshold
●
1.566
1.593
1.620
V
VRTA
Adjustable Reset Threshold
V4 Input Threshold
●
0.492
0.500
0.508
V
(LTC2903-A1) The
● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 10% Reset Threshold
V1 Input Threshold
●
4.350
4.425
4.500
V
VRT33
3.3V, 10% Reset Threshold
V2 Input Threshold
●
2.871
2.921
2.970
V
VRT25
2.5V, 10% Reset Threshold
V3 Input Threshold
●
2.175
2.213
2.250
V
VRT18
1.8V, 10% Reset Threshold
V4 Input Threshold
●
1.566
1.593
1.620
V
(LTC2903-B1) The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at
TA = 25°C. VCC = 5V unless otherwise noted.
LTAFV
LTAJN
LTAJQ
LTBMX
LTBMZ
LTAFW
LTAJP
LTAJR
LTBMY
LTBNB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT50
5V, 10% Reset Threshold
V1 Input Threshold
●
4.350
4.425
4.500
V
VRT33
3.3V, 10% Reset Threshold
V2 Input Threshold
●
2.871
2.921
2.970
V
VRT18
1.8V, 10% Reset Threshold
V3 Input Threshold
●
1.566
1.593
1.620
V
VRT52N
–5.2V, 10% Reset Threshold
V4 Input Threshold
●
–4.524
–4.602
–4.680
V
(LTC2903-C1) The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at
TA = 25°C. VCC = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com