Electronic Components Datasheet Search
  English  ▼

X  

AN4195 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4195
Description  STM32F30x ADC modes and application
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4195 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4195 Datasheet HTML 1Page - STMicroelectronics AN4195 Datasheet HTML 2Page - STMicroelectronics AN4195 Datasheet HTML 3Page - STMicroelectronics AN4195 Datasheet HTML 4Page - STMicroelectronics AN4195 Datasheet HTML 5Page - STMicroelectronics AN4195 Datasheet HTML 6Page - STMicroelectronics AN4195 Datasheet HTML 7Page - STMicroelectronics AN4195 Datasheet HTML 8Page - STMicroelectronics AN4195 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2013
DocID023897 Rev 1
1/24
AN4195
Application note
STM32F30x ADC modes and application
Introduction
This application note presents an overview of the ADC peripherals in the STM32F30x
microcontroller families, and explains how to use the various modes and specific features of
the ADC. Its purpose is to help ADC users to understand the advanced modes offered in
STM32 microcontrollers, and to quick start development.
This document is divided into three sections:
• Section 1: Comparison between ADC F1 family and F3 family describes a brief
comparison between the two ADCs of STM32 F1 and F3 family.
• Section 2: Independent modes describes modes used with a single ADC.
• Section 3: Dual modes describes modes that should be used with two ADCs (ADC1 and
ADC2, or ADC3 and ADC4 working jointly).
Each mode described in these sections is provided with a typical configuration procedure to
help understand how to use it.
Note:
This application note does not describe the dual combined modes.
Table 1. Applicable products
Type
Part numbers
Microcontrollers
STM32F30x
www.st.com


Similar Part No. - AN4195

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
Antenna selection guidelines
23-Nov-2012
AN4191 STMICROELECTRONICS-AN4191 Datasheet
1Mb / 20P
This report shows the analysis performed on Power MOSFET devices
09-Nov-2012
AN4192 STMICROELECTRONICS-AN4192 Datasheet
4Mb / 47P
In the latest generation of CPUs for modern desktop and notebook platforms
13-Nov-2012
AN4193 STMICROELECTRONICS-AN4193 Datasheet
316Kb / 10P
Low duty cycle operation with the SPIRIT1 transceiver
07-Jan-2013
AN4198 STMICROELECTRONICS-AN4198 Datasheet
393Kb / 12P
The SPIRIT1 is a very low-power RF transceiver
22-Nov-2012
More results

Similar Description - AN4195

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC711D3CFNE2 FREESCALE-MC68HC711D3CFNE2 Datasheet
908Kb / 124P
Power Saving STOP and WAIT Modes
logo
Integrated Silicon Solu...
IS43R16320E ISSI-IS43R16320E Datasheet
1,006Kb / 33P
Auto Refresh and Self Refresh Modes
logo
Future Technology Devic...
CLEO35A FTDI-CLEO35A Datasheet
2Mb / 27P
Landscape and portrait modes supported
logo
SHANGHAI BELLING CO., L...
BL24C64A BELLING-BL24C64A Datasheet
587Kb / 17P
Random and sequential Read modes
logo
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
Fully differential and single-ended modes
REV. C
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
Fully differential and single-ended modes
REV. 0
logo
STMicroelectronics
LSM330 STMICROELECTRONICS-LSM330 Datasheet
1Mb / 75P
Power-down and sleep modes
09-Dec-2103
M24512-X STMICROELECTRONICS-M24512-X Datasheet
345Kb / 37P
Random and sequential read modes
21-Jan-2009
AN3116 STMICROELECTRONICS-AN3116 Datasheet
242Kb / 18P
STM32?™?s ADC modes and their applications
02-Mar-2010
logo
Maxim Integrated Produc...
MAX9776EVKIT MAXIM-MAX9776EVKIT Datasheet
399Kb / 11P
Highly Programmable Input and Output Modes
Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com