Electronic Components Datasheet Search
  English  ▼

X  

LTC2915 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2915
Description  Voltage Supervisor with 27 Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2915 Datasheet(HTML) 4 Page - Linear Technology

  LTC2915 Datasheet HTML 1Page - Linear Technology LTC2915 Datasheet HTML 2Page - Linear Technology LTC2915 Datasheet HTML 3Page - Linear Technology LTC2915 Datasheet HTML 4Page - Linear Technology LTC2915 Datasheet HTML 5Page - Linear Technology LTC2915 Datasheet HTML 6Page - Linear Technology LTC2915 Datasheet HTML 7Page - Linear Technology LTC2915 Datasheet HTML 8Page - Linear Technology LTC2915 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC2915/LTC2916
4
29156fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reset Timer Control (RT)
IRT(UP)
RT Pull-Up Current
VRT = 0.25V
l
–2
–3
–4
μA
IRT(DOWN)
RT Pull-Down Current
VRT = 1.1V
l
234
μA
IRT(INT)
Internal RT VCC Detect Current
VRT = VCC
l
18
μA
VRT(INT,LH)
RT Internal Timer Threshold
VRT Rising, Referenced to VCC
l
–100
–160
–300
mV
Reset Output (RST)
tRST(INT)
Internal Reset Timeout Period
VRT = VCC
l
150
200
260
ms
tRST(EXT)
Adjustable Reset Timeout Period
CRT = 2.2nF
l
16
20
25
ms
tUV
VM Undervoltage Detect to RST
Asserted
VM Less Than Reset Threshold
VMTX by More Than 5%
l
10
80
150
μs
VOL
Output Voltage Low RST
VCC = 3.3V, IRST = 2.5mA
VCC = 1V, IRST = 100μA
VCC = 0.8V, IRST = 15μA
l
l
l
0.15
0.15
0.05
0.4
0.3
0.2
V
V
V
IOH(RST)
RST Output Voltage High Leakage
RST = VCC
l
±1
μA
Manual Reset Input (LTC2916)
VIL
Input Low Voltage
l
0.2 • VCC
V
VIH
Input High Voltage
l 0.8 • VCC
V
RPU
Pull Up Resistance
l
50
100
150
k
Ω
tPW
Pulsewidth
l
250
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V, unless otherwise noted. (Note 2)
Note 3: VCC maximum pin voltage is limited by input current. Since the
VCC pin has an internal 6.2V shunt regulator, a low impedance supply
which exceeds 5.7V may exceed the rated terminal current. Operation
from higher voltage supplies requires a series dropping resistor. See
Applications Information.
Note 4: Input impedance is dependent on the configuration of the SEL
pins.
TIMING DIAGRAM
Monitor Input Timing
VM
RST
VMTx
1V
tUV
tRST
29156 TD01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com