Electronic Components Datasheet Search
  English  ▼

X  

LTC2916 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2916
Description  Voltage Supervisor with 27 Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2916 Datasheet(HTML) 1 Page - Linear Technology

  LTC2916 Datasheet HTML 1Page - Linear Technology LTC2916 Datasheet HTML 2Page - Linear Technology LTC2916 Datasheet HTML 3Page - Linear Technology LTC2916 Datasheet HTML 4Page - Linear Technology LTC2916 Datasheet HTML 5Page - Linear Technology LTC2916 Datasheet HTML 6Page - Linear Technology LTC2916 Datasheet HTML 7Page - Linear Technology LTC2916 Datasheet HTML 8Page - Linear Technology LTC2916 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC2915/LTC2916
1
29156fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Voltage Supervisor with
27 Selectable Thresholds
The LTC
®2915/LTC2916 are low voltage single-supply
monitors with selectable thresholds. The parts operate
from 1.5V to 5.5V and consume a quiescent current of
only 30μA.
Two three-state inputs select one of nine internally pro-
grammed thresholds without the need for external resistors.
For the LTC2915, an additional three-state input determines
the tolerance (–5%, –10%, –15%). The tolerance for the
LTC2916 is fixed at –5%. Threshold accuracy is guaranteed
at ±1.5% over the entire operating temperature range.
Glitch filtering ensures reliable reset operation without
false triggering.
The reset timeout may be set to 200ms or adjusted using
an external capacitor. A separate manual reset input on the
LTC2916 allows a simple push button interface.
Operation to 125°C makes the LTC2915 and LTC2916
suitable for automotive applications.
1.8V, –5% Tolerance Supply Monitor
n 9 Selectable Supply Voltages
12V, 5V, 3.3V, 2.5V, 1.8V
1.5V, 1.2V, 1.0V, +ADJ (0.5V)
n 3 Selectable Tolerances
–5%, –10%, –15% (LTC2915)
n Manual Reset Input (LTC2916)
n 1.5V to 5.5V Supply Operation
n 6.2V Shunt Regulator for High Voltage Operation
n Guaranteed Operation to 125˚C
n Guaranteed Threshold Accuracy: ±1.5%
n Low Quiescent Current: 30μA Typical
n Power Supply Glitch Immunity
n Guaranteed RST for VCC ≥ 0.8V
n Low Profile (1mm) 8-Lead TSOT-23 (ThinSOT
TM) and
(3mm
× 2mm) DFN Packages
n Handheld Devices
n Cell Phone Base Stations
n Automotive Control Systems
n Network Servers
n Optical Networking Systems
NOMINAL VOLTAGE
SEL1
SEL2
12V
VCC
VCC
5V
VCC
Open
3.3V
VCC
GND
2.5V
Open
VCC
1.8V
Open
Open
1.5V
Open
GND
1.2V
GND
VCC
1V
GND
Open
ADJ (0.5V)
GND
GND
Monitor Selection Table
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1.8V
10k
29156 TA01
VM
tRST = 200ms
RT
SEL1
SEL2
MR
GND
VCC
VCC
LTC2916
μP
RST
RESET
0.1μF


Similar Part No. - LTC2916

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2916 LINER-LTC2916 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2916 LINER-LTC2916 Datasheet
143Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
LTC2916CDDB-1-PBF LINER-LTC2916CDDB-1-PBF Datasheet
143Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2916CDDB-1-TRPBF LINER-LTC2916CDDB-1-TRPBF Datasheet
143Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
More results

Similar Description - LTC2916

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2917 LINER-LTC2917 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2904 LINER-LTC2904_09 Datasheet
157Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
Voltage Supervisor with 27 Selectable Thresholds
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com