Electronic Components Datasheet Search
  English  ▼

X  

AN4229 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4229
Description  How to implement a vocoder solution using STM32 microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4229 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4229 Datasheet HTML 14Page - STMicroelectronics AN4229 Datasheet HTML 15Page - STMicroelectronics AN4229 Datasheet HTML 16Page - STMicroelectronics AN4229 Datasheet HTML 17Page - STMicroelectronics AN4229 Datasheet HTML 18Page - STMicroelectronics AN4229 Datasheet HTML 19Page - STMicroelectronics AN4229 Datasheet HTML 20Page - STMicroelectronics AN4229 Datasheet HTML 21Page - STMicroelectronics AN4229 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
How to use the demonstration
AN4229
18/26
DocID024112 Rev 1
Note as well that all the codecs parameters can also be set into the codec process header
files:
•
G711process.h
•
G726process.h
•
adpcmprocess.h
•
speexprocess.h
But if the same parameter is set into anyone of these files as well as in the general setting
file (audio_app_conf.h), only this last one is taken into account.
3.3
Main application steps
In the initial state (Main Menu), all LEDs are blinking (Figure 9). The user can then select the
player or recorder.
Figure 9. Initial state
738
60
838
70
946
86
10
62
106
Table 7. Speex encoded frame size (continued)
SPX_ENCODER_QUALITY
ENCODED_FRAME_SIZE
Narrowband
Wideband



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26