Electronic Components Datasheet Search
  English  ▼

X  

AN4230 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4230
Description  Many standards have created requirements and references for the construction
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4230 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4230 Datasheet HTML 5Page - STMicroelectronics AN4230 Datasheet HTML 6Page - STMicroelectronics AN4230 Datasheet HTML 7Page - STMicroelectronics AN4230 Datasheet HTML 8Page - STMicroelectronics AN4230 Datasheet HTML 9Page - STMicroelectronics AN4230 Datasheet HTML 10Page - STMicroelectronics AN4230 Datasheet HTML 11Page - STMicroelectronics AN4230 Datasheet HTML 12Page - STMicroelectronics AN4230 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocIDID024118 Rev 1
9/24
AN4230
NIST SP800-22b test suite running and analyzing
Note:
The USART configuration can be changed by the user via the SendToWorkstation() function
in the main.c file.
The output values can be changed by the user by modifying the Private define in the main.c
file:
#define NUMBER_OF_RANDOM_BITS_TO_GENERATE 512000
#define BLOCK_NUMBER 10
3.1.2
On the NIST SP800-22b test suite side
Downloaded on a workstation, the NIST statistical test suite package sts-2.1.1 verifies the
randomness of the output file of the random number generator from STM32 F2/F4 products.
The generator file to be analyzed should be stored under the data folder (sts-2.1.1\data).
For more details about how the NIST statistical tests work, refer to section How to Get
Started in “A Statistical Test Suite for Random and Pseudorandom Number Generators for
Cryptographic Applications” Special Publication 800-22 Revision 1a.
3.2
NIST SP800-22b test suite steps
Figure 2 describes the different steps needed to verify the randomness of an output number
generated by STM32 F2/F4 using the NIST statistical test suite package sts-2.1.1.
Figure 2. Block diagram of deviation testing of a binary sequence from randomness
based on NIST test suite
3.2.1
First step: random number generator
Connect STMicroelectronics evaluation board (STM322xG-EVAL” for STM32F2 series or
STM324xG-EVAL” for STM32F4 series) with DB9 connector CN16 (USART3) to the
workstation serial port via a null-modem female/female RS232 cable. Then, run STM32
RNG generation via the UART firmware using your preferred toolchain in order to generate
a random number as described in the previous section. You can store data on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com