Electronic Components Datasheet Search
  English  ▼

X  

FR255P Datasheet(PDF) 1 Page - Leshan Radio Company

Part # FR255P
Description  Fast Switching Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FR255P Datasheet(HTML) 1 Page - Leshan Radio Company

  FR255P_15 Datasheet HTML 1Page - Leshan Radio Company FR255P_15 Datasheet HTML 2Page - Leshan Radio Company FR255P_15 Datasheet HTML 3Page - Leshan Radio Company FR255P_15 Datasheet HTML 4Page - Leshan Radio Company FR255P_15 Datasheet HTML 5Page - Leshan Radio Company FR255P_15 Datasheet HTML 6Page - Leshan Radio Company FR255P_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Deffused junction
* Capable of meeting environmental standards of MIL-S-19500
* 2.5 A operation at TA=55°C with no thermal runaway
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC R-3, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.015 oz., 0.40 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
251
FR
252
FR
253
FR
254
FR
255
FR
255P
FR
256
FR
257
FR
257P
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
600
800
1000 1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
420
560
700
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
600
800
1000 1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 2)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
FR
251
FR
252
FR
253
FR
254
FR
255
FR
255P
FR
256
FR
257
FR
257P
Unit
Maximum instantaneous forward voltage at 2.5A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
250
150
250
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
–50 to +150
1.3
5.0
200
500
15
FR251 thru FR257
150
2.5
150
100
45
Reverse Voltage 50 to 1000V
Forward Current 2.5A
Fast Switching Rectifiers
We declare that the material of product
compliance with RoHS requirements.
LESHAN RADIO COMPANY, LTD.
1/3


Similar Part No. - FR255P_15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR255P RECTRON-FR255P Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
More results

Similar Description - FR255P_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com